Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1WM Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1WM Datasheet HTML 1Page - Dallas Semiconductor DS1WM Datasheet HTML 2Page - Dallas Semiconductor DS1WM Datasheet HTML 3Page - Dallas Semiconductor DS1WM Datasheet HTML 4Page - Dallas Semiconductor DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
031902
FEATURES
§ Memory maps into any standard byte-wide
data bus.
§ Eliminates CPU “bit-banging” by internally
generating all 1-Wire® timing and control
signals.
§ Generates interrupts to provide for more
efficient programming.
§ Search ROM Accelerator relieves CPU from
any single bit operations on the 1-Wire Bus.
§ Supports Overdrive mode and slave
interrupts.
§ Capable of running off any system clock from
3.2MHz to 128MHz.
§ Small size: all digital design, only 1500 gates.
§ Available in both Verilog and VHDL.
§ Applications include any circuit containing a
1-Wire communication bus.
Customer ASIC
DESCRIPTION
As more 1-Wire devices become available, more and more users have to deal with the demands of
generating 1-Wire signals to communicate to them. This usually requires “bit-banging” a port pin on a
microprocessor, and having the microprocessor perform the timing functions required for the 1-Wire
protocol. While 1-Wire transmission can be interrupted mid-byte, it cannot be interrupted during the
“low” time of a bit time slot; this means that a CPU will be idled for up to 60 microseconds for each bit
sent and at least 480 microseconds when generating a 1-Wire reset. The 1-Wire Master helps users handle
communication to 1-Wire devices in their system without tying up valuable CPU cycles. Integrated into a
user’s ASIC as a 1-Wire port, the core is available in both VHDL and Verilog code and uses very little
chip area (1492 gates plus 1 bond pad for the Verilog version).
This circuit is designed to be memory mapped into the user’s system and provides complete control of the
1-Wire bus through 8 bit commands. The host CPU loads commands, reads and writes data, and sets
interrupt control through five individual registers. All of the timing and control of the 1-Wire bus are
generated within. The host merely needs to load a command or data and then may go on about its
business. When bus activity has generated a response that the CPU needs to receive, the 1-Wire Master
sets a status bit and, if enabled, generates an interrupt to the CPU. In addition to write and read
simplification, the 1-Wire Master also provides a Search ROM Accelerator function relieving the CPU
from having to perform any single-bit operations on the 1-Wire bus.
DS1WM
Synthesizable 1-Wire Bus Master
www.maxim-ic.com
1-Wire
Master
1-Wire
Bus
Internal
Data Bus
Interrupt
1-Wire is a registered trademark of Dallas Semiconductor.


Similar Part No. - DS1WM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1WM MAXIM-DS1WM Datasheet
118Kb / 20P
Synthesizable 1-Wire Bus Master
091707
More results

Similar Description - DS1WM

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
1.Wire Bus Master with Overdrive
DS2482-100 DALLAS-DS2482-100 Datasheet
255Kb / 21P
Single-Channel 1-Wire Master
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
1-Wire Bus Master with Overdrive
DS2482-800 DALLAS-DS2482-800 Datasheet
261Kb / 22P
Eight-Channel 1-Wire Master
logo
Maxim Integrated Produc...
DS1WM MAXIM-DS1WM Datasheet
118Kb / 20P
Synthesizable 1-Wire Bus Master
091707
DS2482-800 MAXIM-DS2482-800 Datasheet
430Kb / 23P
Eight-Channel 1-Wire Master
11/09
DS2482-800 MAXIM-DS2482-800_12 Datasheet
392Kb / 23P
8-Channel 1-Wire Master
Rev 4; 1/12
DS2482-100 MAXIM-DS2482-100_15 Datasheet
290Kb / 24P
Single-Channel 1-Wire Master
Rev 10; 1/15
DS2484 MAXIM-DS2484 Datasheet
1Mb / 29P
Single-Channel 1-Wire Master
Rev 1; 7/15
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
1-Wire Bus Master with Overdrive
061907
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com