Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87334VJG Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VJG
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VJG Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87334VJG Datasheet HTML 19Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 20Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 21Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 22Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 23Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 24Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 25Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 26Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
20 Configuration Registers (Continued)
TABLE 2-3 Encoded Drive and Motor Pin Information (FER 4 e 1)
Digital Output Register
Drive Control Pins
Decoded Functions
7
6
5
4
3
2
1
0
MTR1
MTR0
DR1
DR0
XXX
1
X
X
0
0
(Note)
0
0
0
Activate Drive 0 and Motor 0
XX
1
X
X
X
0
1
(Note)
0
0
1
Activate Drive 1 and Motor 1
X
1
X
X
X
X
1
0
(Note)
0
1
0
Activate Drive 2 and Motor 2
1
X
X
X
X
X
1
1
(Note)
0
1
1
Activate Drive 3 and Motor 3
XXX
0
X
X
0
0
(Note)
1
0
0
Activate Drive 0 and Deactivate Motor 0
XX
0
X
X
X
0
1
(Note)
1
0
1
Activate Drive 1 and Deactivate Motor 1
X
0
X
X
X
X
1
0
(Note)
1
1
0
Activate Drive 2 and Deactivate Motor 2
0
X
X
X
X
X
1
1
(Note)
1
1
1
Activate Drive 3 and Deactivate Motor 3
Note
When FER4 e 1 MTR1 presents a pulse that is the inverted image of the IOW strobe This inverted pulse is active whenever an IO write to address 3F2h
or 372h takes place This pulse is delayed by 25 ns–80 ns after the leading edge of IOW and its leading edge can be used to clock data into an external latch
(eg 74LS175) Address 3F2h is used if the FDC is located at the primary address (FER5 e 0) and address 372h is used if the FDC is located at the
secondary address (FER5 e 1)
TABLE 2-4 Primary and Secondary
Drive Address Selection
Bit 5
Bit 7
Drive
PC-AT Mode
0
X
FDC
Primary
3F0–7h
1
X
FDC
Secondary
3F0–7h
X
0
IDE
Primary
1F0 – 7 3F6 3F7h
X
1
IDE
Secondary
170 – 7 376 7h
252 Function Address Register (FAR Index e 01h)
This register selects the ISA IO address range to which
each peripheral function responds
Bits 01
These bits select the parallel port address as
shown in Table 2-5
TABLE 2-5 Parallel Port Addresses
Bit
1
Bit
0
Address
Parallel
Port
Interrupt
PC-AT
0
0
LPTB (378 – 37F)
IRQ5 (Note)
0
1
LPTA (3BC – 3BE)
IRQ7
1
0
LPTC (278 – 27F)
IRQ5
1
1
Reserved
TRI-STATE
(CTR4 e 0)
Note
The interrupt assigned to this address can be changed to IRQ7 by
setting Bit 3 of the Power and Test Register (PTR)
Bits 2–5
These bits determine which ISA IO address range
is associated with each UART (see Table 2-6 and
Table 2-7)
TABLE 2-6 COM Port Selection for UART1
FAR
UART1
Bit 3
Bit 2
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2-8)
1
1
4 (Table 2-8)
TABLE 2-7 COM Port Selection for UART2
FAR
UART2
Bit 5
Bit 4
COM
0
0
1 (3F8-F)
0
1
2 (2F8-F)
1
0
3 (Table 2-8)
1
1
4 (Table 2-8)
Note
COM3 and COM4 addresses are determined by Bits 6 and 7
Bits 67
These bits select the addresses that are used for
COM3 and COM4 (see Table 2-8)
TABLE 2-8 Address Selection for COM3 and COM4
Bit 7
Bit 6
COM3 IRQ4
COM4 IRQ3
0
0
3E8–Fh
2E8–Fh
0
1
338–Fh
238–Fh
1
0
2E8–Fh
2E0–7h
1
1
220–7h
228–Fh
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com