| Electronic Components Datasheet Search |
|
PC87334VJG Datasheet(PDF) 69 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87334VJG Datasheet(HTML) 69 Page - National Semiconductor (TI) |
|
69 / 102 page ![]() 60 Serial Ports (Continued) 64 LINE STATUS REGISTER (LSR) This 8-bit register provides status information to the CPU concerning data transfers Table 6-2 shows the contents of the Line Status Register Details on each bit follow Bit 0 This bit is the receiver Data Ready (DR) indicator It is set to 1 whenever a complete incoming character has been received and transferred into the Receiver Buffer Register or the FIFO It is reset to 0 by read- ing the data in the Receiver Buffer Register or the FIFO Bit 1 This bit is the Overrun Error (OE) indicator It indi- cates that data in the Receiver Buffer Register was not read by the CPU before the next character was transferred into the Receiver Buffer Register there- by destroying the previous character The OE indica- tor is set to 1 upon detection of an overrun condition and reset whenever the CPU reads the contents of the Line Status Register If the FIFO mode data con- tinues to fill the FIFO beyond the trigger level an Overrun error will occur only after the FIFO is com- pletely full and the next character has been received in the shift register OE is indicated to the CPU as soon as it happens The character in the shift regis- ter is overwritten but it is not transferred to the FIFO Bit 2 This bit is the Parity Error (PE) indicator It indicates that the received data character does not have the correct parity as selected by the even parity select bit The PE bit is set to 1 upon detection of a parity error and is reset to 0 whenever the CPU reads the contents of the Line Status Register In the FIFO mode this error is associated with the particular character that it applies to in the FIFO This error is revealed to the CPU when its associated character is at the top of the FIFO Bit 3 This bit is the Framing Error (FE) indicator It indi- cates that the received character did not have a val- id Stop bit It is set to 1 whenever the Stop bit follow- ing the last data bit or parity bit is a 0 (Spacing level) The FE indicator is reset whenever the CPU reads the contents of the Line Status Register In the FIFO mode this error is associated with the particular character that it applies to in the FIFO This error is revealed to the CPU when its associated character is at the top of the FIFO The UART will try to resyn- chronize after a framing error by assuming that the error was due to the next start bit It samples this ‘‘start’’ bit twice and then takes in the bits following it as the rest of the frame Bit 4 This bit is the Break Interrupt (BI) indicator It is set to 1 whenever the received data input is held in the Spacing (0) state for longer than a full word trans- mission time (ie the total time of Start bit a data bits a Parity a Stop bits) The BI indicator is reset whenever the CPU reads the contents of the Line Status Register In the FIFO mode this error is asso- ciated with the particular character that it applies to in the FIFO This error is revealed to the CPU when its associated character is at the top of the FIFO When a break occurs only one character is loaded into the FIFO To Restart after a break is received the SIN pin must be 1 for at least one half bit time Note Bits 1 through 4 are the error conditions that produce a Receiver Line Status interrupt whenever any of the corre- sponding conditions are detected and the interrupt is en- abled Bit 5 This bit is the Transmitter Holding Register Empty (THRE) indicator It indicates that the UART is ready to accept a new character for transmission In addi- tion it causes the UART to issue an interrupt to the CPU when the Transmit Holding Register Empty In- terrupt enable is set high The THRE bit is set to 1 when a character is transferred from the Transmitter Holding Register into the Transmitter Shift Register The bit is reset to 0 whenever the CPU loads the Transmitter Holding Register In the FIFO mode it is set when the XMIT FIFO is empty it is cleared when at least 1 byte is written to the XMIT FIFO Bit 6 This bit is the Transmitter Empty (TEMT) indicator It is set to 1 whenever the Transmitter Holding Regis- ter (THR) and the Transmitter Shift Register (TSR) are both empty It is reset to 0 if either the THR or TSR contains a data character In the FIFO mode this bit is set to 1 whenever the transmitter FIFO and the shift register are both empty Bit 7 In the NS16450 Mode this is 0 In the FIFO Mode this bit is set when there is at least one parity error framing error or break indication in the FIFO It is cleared when the CPU reads the LSR if there are no subsequent errors in the FIFO Note The Line Status Register is intended for read operations only Writing to this register is not recommended as this operation is only used for factory testing In the FIFO mode the software must load a data byte in the Rx FIFO via the Loopback Mode in order to write to LSR2–LSR4 LSR0 and LSR7 can’t be written to in the FIFO Mode 65 FIFO CONTROL REGISTER (FCR) This is a write-only register at the same location as the IIR (the IIR is a read-only register) This register is used to en- able the FIFOs clear the FIFOs and to set the RCVR FIFO trigger level Bit 0 Writinga1to FCR0 enables both the XMIT and RCVR FIFOs Resetting FCR0 clears all bytes in both FIFOs When changing from FIFO Mode to NS16450 Mode and vice versa data is automati- cally cleared from the FIFOs This bit must al- ready be 1 when other FCR bits are written to or they will not be programmed Bit 1 Writing 1 to FCR1 clears all bytes in the RCVR FIFO and resets its counter logic to 0 The shift register is not cleared The 1 that is written to this bit position is self-clearing Bit 2 Writing 1 to FCR2 clears all bytes in the XMIT FIFO and resets its counter logic to 0 The shift register is not cleared The 1 that is written to this bit position is self-clearing Bit 3 Writing to FCR3 does not change UART opera- tions Bits 4 5 FCR4 to FCR5 are reserved for future use 69 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |