Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87334VJG Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VJG
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VJG Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87334VJG Datasheet HTML 9Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 10Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 11Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 12Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 13Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 14Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 15Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 16Page - National Semiconductor (TI) PC87334VJG Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
IDEHI
56
54
O
IDE High Byte
This output enables the high byte data latch during a read or write to the hard
drive if the hard drive returns IOCS16 This output is inactive if the IDE interface is disabled
via the Configuration Register (See VLD0 and IRTX for further information)
IDELO
55
53
O
IDE Low Byte
This output enables the low byte data latch during a read or write to the hard
drive This output is inactive if the IDE interface is disabled via the Configuration Register
(See BADDR0 for further information)
IDENT
54
52
I
Identity
During chip reset the IDENT and MFM pins are sampled to determine the desired
mode of operation according to the following table
IDENT
MFM
MODE
1
1 or NC
PC-AT Mode
1
0
Illegal
0
1 or NC
PS2 Mode
0
0
Model 30 Mode
AT Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers A and
B are disabled (TRI-STATE)
Model 30 Mode
The DMA enable bit in the DOR is valid TC is active high Status Registers
A and B are enabled
PS2 Mode
The DMA enable bit in the DOR is a don’t care and the FDRQ and IRQ6
signals are always enabled TC is active low Status Registers A and B are enabled
After chip reset the state of IDENT determines the polarity of the DENSEL output When
IDENT is a logic ‘‘1’’ DENSEL is active high for the 500 kbps1 Mbps2 Mbps data rates
When IDENT is a logic ‘‘0’’ DENSEL is active low for the 500 kbps1 Mbps2 Mbps data
rates (See Mode command for further explanation of DENSEL)
IDLE
43
41
O
IDLE
This pin is IDLE output when bit 4 of PMC is 1 IDLE indicates that the FDC is in the
IDLE state and can be powered down Whenever the FDC is in IDLE state or whenever the
FDC is in power-down state the pin is active high This bit is MTR1 when bit 4 of the Power
Management Control Register (PMC) is 0
INDEX
Normal
47
45
I
Index
This input signals the beginning of a FDD track
Mode
INDEX
PPM
94
92
I
Index
This pin provides an additional Index signal in PPM Mode when PNF e 0
Mode
(See PD0 and Table 7-5 for further information)
INIT
80
78
IO
Initialize
When this signal is low it causes the printer to be initialized This pin is in a TRI-
STATE condition 10 ns aftera1is loaded into the corresponding Control Register bit The
system should pull this pin high using a 47 kX resistor (See DIR and Table 7-5 for further
information)
IOCHRDY
53
51
O
IO Channel Ready
This is the IO Channel Ready open drain output when bit 7 of FCR is 0
When IOCHRDY is driven low the EPP extends the host cycle This pin is the MFM output pin
when bit 7 of FCR is 1 (See MFM pin for further information)
IOCS16
59
57
I
IO Chip Select 16-bit
This input is driven by the peripheral device when it can
accommodate a 16-bit access (See DRID0 IDEACK and IRRX for further information)
IRQ34
1 100
99 98
O
Interrupt 3 and 4
These are active high interrupts associated with the serial ports IRQ3
presents the signal if the serial port has been designated as COM2 or COM4 IRQ4 presents
the signal if the serial port is designated as COM1 or COM3 The appropriate interrupt goes
active whenever it is enabled via the Interrupt Enable Register (IER) the associated Interrupt
Enable bit (Modem Control Register bit 3 MCR3) and any of the following conditions are
active Receiver Error Receive Data available Transmitter Holding Register Empty or a
Modem Status Flag is set The interrupt is reset low (inactive) after the appropriate interrupt
service routine is executed after being disabled via the IER or after a Master Reset Either
interrupt can be disabled putting them into TRI-STATE by setting the MCR3 bit low
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com