Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A3 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 116Page - Renesas Technology Corp S3A3 Datasheet HTML 117Page - Renesas Technology Corp S3A3 Datasheet HTML 118Page - Renesas Technology Corp S3A3 Datasheet HTML 119Page - Renesas Technology Corp S3A3 Datasheet HTML 120Page - Renesas Technology Corp S3A3 Datasheet HTML 121Page - Renesas Technology Corp S3A3 Datasheet HTML 122Page - Renesas Technology Corp S3A3 Datasheet HTML 123Page - Renesas Technology Corp S3A3 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 120 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.12.3
Capacitor Split Method
[1/3 Bias Method]
Note 1.
This is the wait time from when voltage bucking is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 2.
This is a capacitor that is connected between voltage pins used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 μF ± 30%.
Figure 2.92
LCD reference voltage setup time, voltage boosting wait time, and capacitor split wait time
2.13
Comparator Characteristics
Note:
When 8-bit DAC output is used as the reference voltage, the offset voltage increases up to 2.5 x VCC/256.
Note:
In window mode, you must satisfy the following condition: Vref1 - Vref0 > 0.2 V.
Table 2.72
Internal voltage boosting method LCD characteristics
Conditions: VCC = 2.2 V to 5.5 V
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Test
conditions
VL4 voltage*1
VL4
C1 to C4 = 0.47 μF*2
-VCC
-
V
-
VL2 voltage*1
VL2
C1 to C4 = 0.47 μF*2
2/3 × VL4 - 0.07 2/3 × VL4
2/3 × VL4 + 0.07
V
-
VL1 voltage*1
VL1
C1 to C4 = 0.47 μF*2
1/3 × VL4 - 0.08 1/3 × VL4
1/3 × VL4 + 0.08
V
-
Capacitor split wait time*1
tWAIT
100
-
-
ms
Figure 2.92
Table 2.73
ACMPLP characteristics
Conditions: VCC = 1.8 to 5.5 V
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
Standard mode
VREF
0
-
VCC–1.4
V
-
Window mode
CMPREF1
VREFH
1.4
-
VCC
V
-
CMPREF0
VREFL
0
-
VCC–1.4
V
-
Input voltage range
VI
0
-
VCC
V
-
Internal reference voltage
-
1.36
1.44
1.50
V
-
Output delay
High-speed mode
Td
-
-
1.2
μs
VCC = 3.0
Slew rate of input
signal > 50 mV/μs
Low-speed mode
-
-
5
μs
Window mode
-
-
2
μs
Offset voltage
High-speed mode
-
-
-
50
mV
-
Low-speed mode
-
-
-
40
mV
-
Window mode
-
-
-
60
mV
-
Operation stabilization wait time
Tcmp
100
-
-
μs-
MDSET0,
MDSET1
VLCON
LCDON
01b or 10b
00b
tVL1S
tVLWT, tWAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com