Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A3 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 118Page - Renesas Technology Corp S3A3 Datasheet HTML 119Page - Renesas Technology Corp S3A3 Datasheet HTML 120Page - Renesas Technology Corp S3A3 Datasheet HTML 121Page - Renesas Technology Corp S3A3 Datasheet HTML 122Page - Renesas Technology Corp S3A3 Datasheet HTML 123Page - Renesas Technology Corp S3A3 Datasheet HTML 124Page - Renesas Technology Corp S3A3 Datasheet HTML 125Page - Renesas Technology Corp S3A3 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 122 of 139
Mar 7, 2017
S3A3
2. Electrical Characteristics
2.15
Flash Memory Characteristics
2.15.1
Code Flash Memory Characteristics
Note 1.
The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 1,000),
erasing can be done n times for each block. For instance, when 8-byte programming is performed 256 times for different
addresses in 2-KB blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasure is not enabled (overwriting is prohibited).
Note 2.
Characteristic when using the flash memory programmer and the self-programming library provided by Renesas Electronics.
Note 3.
This result is obtained from reliability testing.
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of FCLK must be ±3.5%. Confirm the frequency accuracy of the clock source.
Table 2.75
Code flash characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reprogramming/erasure cycle*1
NPEC
1000
-
-
Times
-
Data hold time
After 1000 times of NPEC
tDRP
20*2, *3
--Year
Ta = +85°C
Table 2.76
Code flash characteristics (2)
High-speed operating mode
Conditions: VCC = 2.7 to 5.5 V
Parameter
Symbol
FCLK = 1 MHz
FCLK = 32 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
8-byte
tP8
-
116
998
-
54
506
μs
Erasure time
2-KB
tE2K
-
9.03
287
-
5.67
222
ms
Blank check time
8-byte
tBC8
-
-
56.8
-
-
16.6
μs
2-KB
tBC2K
-
-
1899
-
-
140
μs
Erase suspended time
tSED
-
-
22.5
-
-
10.7
μs
Startup area switching setting time
tSAS
-
21.7
585
-
12.1
447
ms
Access window time
tAWS
-
21.7
585
-
12.1
447
ms
OCD/serial programmer ID setting time
tOSIS
-
21.7
585
-
12.1
447
ms
ROM mode transition wait time 1
tDIS
2-
-
2
-
-
μs
ROM mode transition wait time 2
tMS
5-
-
5
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com