Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117BA Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F117BA
Description  Ultra-low power consumption technology
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117BA Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F117BA Datasheet HTML 45Page - Renesas Technology Corp R5F117BA Datasheet HTML 46Page - Renesas Technology Corp R5F117BA Datasheet HTML 47Page - Renesas Technology Corp R5F117BA Datasheet HTML 48Page - Renesas Technology Corp R5F117BA Datasheet HTML 49Page - Renesas Technology Corp R5F117BA Datasheet HTML 50Page - Renesas Technology Corp R5F117BA Datasheet HTML 51Page - Renesas Technology Corp R5F117BA Datasheet HTML 52Page - Renesas Technology Corp R5F117BA Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 102 page
background image
RL78/I1D
2. ELECTRICAL SPECIFICATIONS
R01DS0244EJ0220 Rev. 2.20
Page 49 of 99
Feb 20, 2017
Note 1.
The value must also be equal to or less than fMCK/4.
Note 2.
Set the fMCK value to keep the hold time of SCLr = “L” and SCLr = “H”.
Caution
Select the normal input buffer and the N-ch open drain output (VDD tolerance) mode for the SDAr pin and the
normal output mode for the SCLr pin by using port input mode register g (PIMg) and port output mode register h
(POMh).
(5) During communication at same potential (simplified I2C mode)
(TA = +85 to +105°C, 2.4 V ≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
SCLr clock frequency
fSCL
2.7 V
≤ VDD ≤ 3.6 V,
Cb = 50 pF, Rb = 2.7 k
Ω
400 Note 1
kHz
2.4 V
≤ VDD ≤ 3.6 V,
Cb = 100 pF, Rb = 3 k
Ω
100 Note 1
kHz
Hold time when SCLr = “L”
tLOW
2.7 V
≤ VDD ≤ 3.6 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1200
ns
2.4 V
≤ VDD ≤ 3.6 V,
Cb = 100 pF, Rb = 3 k
Ω
4600
ns
Hold time when SCLr = “H”
tHIGH
2.7 V
≤ VDD ≤ 3.6 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1200
ns
2.4 V
≤ VDD ≤ 3.6 V,
Cb = 100 pF, Rb = 3 k
Ω
4600
ns
Data setup time (reception)
tSU: DAT
2.7 V
≤ VDD ≤ 3.6 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1/fMCK + 220 Note 2
ns
2.4 V
≤ VDD ≤ 3.6 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK + 580 Note 2
ns
Data hold time (transmission)
tHD: DAT
2.7 V
≤ VDD ≤ 3.6 V,
Cb = 50 pF, Rb = 2.7 k
Ω
0770
ns
2.4 V
≤ VDD ≤ 3.6 V,
Cb = 100 pF, Rb = 3 k
Ω
0
1420
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com