Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117BA Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F117BA
Description  Ultra-low power consumption technology
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117BA Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F117BA Datasheet HTML 15Page - Renesas Technology Corp R5F117BA Datasheet HTML 16Page - Renesas Technology Corp R5F117BA Datasheet HTML 17Page - Renesas Technology Corp R5F117BA Datasheet HTML 18Page - Renesas Technology Corp R5F117BA Datasheet HTML 19Page - Renesas Technology Corp R5F117BA Datasheet HTML 20Page - Renesas Technology Corp R5F117BA Datasheet HTML 21Page - Renesas Technology Corp R5F117BA Datasheet HTML 22Page - Renesas Technology Corp R5F117BA Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
RL78/I1D
2. ELECTRICAL SPECIFICATIONS
R01DS0244EJ0220 Rev. 2.20
Page 19 of 99
Feb 20, 2017
2.3
DC Characteristics
2.3.1
Pin characteristics
Note 1.
Value of current at which the device operation is guaranteed even if the current flows from the VDD pin to an output pin.
Note 2.
Do not exceed the total current value.
Note 3.
Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor
> 70% the duty ratio can be calculated with the following
expression (when changing the duty factor from 70% to n%).
• Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example>
Where n = 80% and IOH = -10.0 mA
Total output current of pins = (-10.0 × 0.7)/(80 × 0.01)
≈ -8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Caution
P30 and P51 to P56 do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85°C, 1.6 V
≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
(TA = +85 to +105°C, 2.4 V
≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
Items
Symbol
Conditions
MIN. TYP.
MAX.
Unit
Output current, high
Note 1
IOH1
Per pin for P00 to P04, P30 to P33, P40,
P50 to P57, P130
TA = -40 to +85°C
-10.0
Note 2
mA
TA = +85 to +105°C
-3.0
Note 2
mA
Total of P00 to P04, P40, P130
(When duty
≤ 70% Note 3)
2.7 V
≤ VDD ≤ 3.6 V
-10.0
mA
1.8 V
≤ VDD < 2.7 V
-5.0
mA
1.6 V
≤ VDD < 1.8 V
-2.5
mA
Total of P30 to P33, P50 to P57
(When duty
≤ 70% Note 3)
2.7 V
≤ VDD ≤ 3.6 V
-19.0
mA
1.8 V
≤ VDD < 2.7 V
-10.0
mA
1.6 V
≤ VDD < 1.8 V
-5.0
mA
Total of all pins
(When duty
≤ 70% Note 3)
-29.0
mA
IOH2
Per pin for P10 to P17, P20 to P25
-0.1
Note 2
mA
Total of all pins
(When duty
≤ 70% Note 3)
1.6 V
≤ VDD ≤ 3.6 V
-1.4
mA
(1/5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com