Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F117BA Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R5F117BA
Description  Ultra-low power consumption technology
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F117BA Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R5F117BA Datasheet HTML 58Page - Renesas Technology Corp R5F117BA Datasheet HTML 59Page - Renesas Technology Corp R5F117BA Datasheet HTML 60Page - Renesas Technology Corp R5F117BA Datasheet HTML 61Page - Renesas Technology Corp R5F117BA Datasheet HTML 62Page - Renesas Technology Corp R5F117BA Datasheet HTML 63Page - Renesas Technology Corp R5F117BA Datasheet HTML 64Page - Renesas Technology Corp R5F117BA Datasheet HTML 65Page - Renesas Technology Corp R5F117BA Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
RL78/I1D
2. ELECTRICAL SPECIFICATIONS
R01DS0244EJ0220 Rev. 2.20
Page 62 of 99
Feb 20, 2017
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
Note 2.
When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 3.
Use it with VDD
≥ Vb.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance) mode for the SOp pin
and SCKp pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and
VIL, see the DC characteristics with TTL input buffer selected.
(Remarks are listed on the next page.)
(8) Communication at different potential (1.8 V, 2.5 V) (CSI mode) (master mode, SCKp... internal clock
output)
(TA = +85 to 105°C, 2.4 V ≤ AVDD = VDD ≤ 3.6 V, VSS = AVSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed main)
Mode
Unit
MIN.
MAX.
SIp setup time (to SCKp↑) Note 1
tSIK1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
354
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
958
ns
SIp hold time (from SCKp↑) Note 1
tKSI1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
38
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
38
ns
Delay time from SCKp↓ to SOp output Note 1
tKSO1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
390
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
966
ns
SIp setup time (to SCKp↓) Note 2
tSIK1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
88
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
220
ns
SIp hold time (from SCKp↓) Note 2
tKSI1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
38
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
38
ns
Delay time from SCKp↑ to SOp output Note 2
tKSO1
2.7 V
≤ VDD ≤ 3.6 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
50
ns
2.4 V
≤ VDD < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 3,
Cb = 30 pF, Rb = 5.5 k
Ω
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com