Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
2
Attn
40
F
IN
SW
1
10
C
L
2
F
S
§
·
¨
¸
¨
¸
˜
¨
¸
¨
¸
©
¹
PEAK
MAX
MAX
2
SW
IN
I
Attn
20log
1 9
VLQ
'
9
F
C
S
S
§
·
¨
¸
˜
˜
˜
¨
¸
˜
˜
©
¹
VIN
GND
LIN
CIN
CF
CD
RD
VOUT
LF
COUT
Q1
Q2
GND
2
IN(min)
IN
IN
V
Z
P
34
LM5145
SNVSAI4 – JUNE 2017
www.ti.com
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The power supply designer now has all the necessary expressions to optimally position the loop crossover
frequency while maintaining adequate phase margin over the required line, load and temperature operating
ranges. The LM5145 Quickstart Calculator is available to expedite these calculations and to adjust the bode plot
as needed.
9.1.4 EMI Filter Design
Switching regulators exhibit negative input impedance, which is lowest at the minimum input voltage. An
underdamped LC filter exhibits a high output impedance at the resonant frequency of the filter. For stability, the
filter output impedance must be less than the absolute value of the converter input impedance.
(17)
The EMI filter design steps are as follows:
•
Calculate the required attenuation of the EMI filter at the switching frequency, where CIN represents the
existing capacitance at the input of the switching converter;
•
Input filter inductor LIN is usually selected between 1 μH and 10 μH, but it can be lower to reduce losses in a
high current design;
•
Calculate input filter capacitor CF.
Figure 45. Buck Regulator With π-Stage EMI Filter
By calculating the first harmonic current from the Fourier series of the input current waveform and multiplying it
by the input impedance (the impedance is defined by the existing input capacitor CIN), a formula is derived to
obtain the required attenuation as shown by Equation 18.
(18)
VMAX is the allowed dBμV noise level for the applicable EMI standard, for example EN55022 Class B. CIN is the
existing input capacitance of the buck regulator, DMAX is the maximum duty cycle, and IPEAK is the peak inductor
current. For filter design purposes, the current at the input can be modeled as a square-wave. Determine the EMI
filter capacitance CF from Equation 19.
(19)
Adding an input filter to a switching regulator modifies the control-to-output transfer function. The output
impedance of the filter must be sufficiently small such that the input filter does not significantly affect the loop
gain of the buck converter. The impedance peaks at the filter resonant frequency. The resonant frequency of the
filter is given by Equation 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com