Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
VOUT 50mV/DIV
VIN 20V/DIV
20 ms/DIV
IOUT 5A/DIV
VOUT 50mV/DIV
VIN 20V/DIV
20 ms/DIV
IOUT 5A/DIV
VOUT 200m/DIV
40 Ps/DIV
IOUT 5A/DIV
VOUT 500m/DIV
40 Ps/DIV
IOUT 5A/DIV
PGOOD
2V/DIV
VOUT 1V/DIV
ENABLE
1V/DIV
1 ms/DIV
IOUT 5A/DIV
PGOOD
2V/DIV
VOUT 1V/DIV
ENABLE
1V/DIV
40 Ps/DIV
IOUT 5A/DIV
39
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
VIN = 48 V
0.25-Ω Load
Figure 51. ENABLE ON, 20-A Resistive Load
VIN = 48 V
0.25-Ω Load
Figure 52. ENABLE OFF, 20-A Resistive Load
VIN = 48 V
Figure 53. Load Transient Response, 10 A to 20 A to 10 A
VIN = 48 V
Figure 54. Load Transient Response, 0 A to 20 A to 0 A
IOUT = 10 A
Figure 55. Line Transient Response, 12 V to 72 V
IOUT = 10 A
Figure 56. Line Transient Response, 72 V to 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com