Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
88
90
92
94
96
98
Rising
Falling
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
100
102
104
106
108
110
Rising
Falling
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
4.2
4.4
4.6
4.8
5
5.2
Rising
Falling
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
3
3.2
3.4
3.6
3.8
4
Rising
Falling
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
50
100
150
200
250
300
350
RDS-ON Mode
RSENSE Mode
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
5
10
15
20
25
HO to LO
LO to HO
13
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VVIN = 48 V, RRT = 25 kΩ, SYNCIN tied to VCC, EN/UVLO tied to VIN (unless otherwise noted).
Figure 13. ILIM Current Source vs Junction Temperature
VSW = 0 V
Figure 14. Dead Time vs Junction Temperature
Figure 15. VCC UVLO Thresholds vs Junction Temperature
Figure 16. BST UVLO Thresholds vs Junction Temperature
Figure 17. PGOOD UVP Thresholds vs Junction
Temperature
Figure 18. PGOOD OVP Thresholds vs Junction
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com