Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5145 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
1
2
3
4
5
6
7
10
11
17
18
19
14
20
BST
HO
SW
LO
PGND
RT
SS/TRK
COMP
FB
AGND
VIN = 6 V to 48 V
LM5145
VOUT
SYNC
In
12
SYNCOUT
8
SYNCIN
9
NC
EN/UVLO
VIN
ILIM
PGOOD
SYNC
Out
13
VCC
16
15
NC
EP
LF
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
Copyright © 2017, Texas Instruments Incorporated
CILIM
1 H
0.1 F
22 pF
47 nF
5 u 2.2 F
10 nF
2.2 F
CVIN
249
0.1 F
18.2 k
6.81 k
470 pF
2.32 k
100
U1
33.2 k
2.7 nF
GND
U2
5
3
2
4
1
8
9
7
10
LM10011SD
GND
IDAC_OUT
VDD
EN
VIDA
VIDC
VIDB
VIDS
6
SET
MODE
RSET
182 k
TMS320C667x
VCNTL[3]
VCNTL[0]
VCNTL[1]
VCNTL[2]
KeyStone¥
Multicore
DSP
CVDD
U3
DVDD18
RPU1:4
3.3 V
Core voltage
0.9 V ± 1.1 V
Step resolution
6.4 mV
4 x 100 F
COUT
D1
VAUX = 8 V to 13 V
49
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2.4 Design 4 – Powering a Multicore DSP From a 24-V or 48-V Rail
Figure 85 shows the schematic diagram of a 10-A synchronous buck regulator for a DSP core voltage supply.
Figure 85. Application Circuit #4 With LM5145 DSP Core Voltage Supply
9.2.4.1 Design Requirements
For this design example, the intended input, output, and performance parameters are listed in Table 12.
Table 12. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady-state)
6 V to 48 V
Input transient voltage (peak)
55 V
Output voltage and current
0.9 V to 1.1 V, 10 A
Output voltage regulation
±1%
Load transient peak voltage deviation, 10-A step
< 120 mV
Switching frequency
300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com