Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 190 page
background image
Rev. 1.10
50
De�e��e� 1�� �01�
Rev. 1.10
51
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Fast Wake-up
TominimisepowerconsumptionthedevicecanentertheSLEEPorIDLE0Mode,wherethesystem
clocksourcetothedevicewillbestopped.Howeverwhenthedeviceiswokenupagain,itcantake
aconsiderabletimefortheoriginalsystemoscillatortorestart,stabiliseandallownormaloperation
toresume.ToensurethedeviceisupandrunningasfastaspossibleaFastWake-upfunctionis
provided,whichallowsfSUB,namelyeithertheLXTorLIRCoscillator,toactasatemporaryclock
tofirstdrivethesystemuntiltheoriginalsystemoscillatorhasstabilised.Astheclocksourcefor
theFastWake-upfunctionisfSUB,theFastWake-upfunctionisonlyavailableintheSLEEP1and
IDLE0modes.WhenthedeviceiswokenupfromtheSLEEP0mode,theFastWake-upfunctionhas
noeffectbecausethefSUBclockisstopped.TheFastWake-upenable/disablefunctioniscontrolled
usingtheFSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclock,andiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCorLXToscillatorfor
thesystemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024
HXTclockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwill
switchovertooperatingfromtheHXToscillator.
IftheHIRCoscillatororLIRCoscillatorisusedasthesystemoscillatorthenitwilltake15~16
clockcyclesoftheHIRCor1~2cyclesoftheLIRCtowakeupthesystemfromtheSLEEPor
IDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthesecases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
10�� HXT �y�les
10�� HXT �y�les
1~� HXT �y�les
1
10�� HXT �y�les
1~� fSUB �y�les
(Syste� �uns with fSUB first for 1024 HXT
�y�les and then swit�hes ove� to �un with
the HXT �lo�k)
1~� HXT �y�les
HIRC
x
15~1� HIRC �y�les
15~1� HIRC �y�les
1~� HIRC �y�les
LIRC
x
1~� LIRC �y�les
1~� LIRC �y�les
1~� LIRC �y�les
LXT
x
10�� LXT �y�les
10�� LXT �y�les
1~� LXT �y�les
“x”: don’t �a�e
Wake-Up Times
NotethatiftheWatchdogTimerisdisabled,whichmeansthattheLXTandLIRCareallbothoff,
thentherewillbenoFastWake-upfunctionavailablewhenthedevicewake-upfromtheSLEEP0
Mode.
Operating Mode Switching
Thedevicecanswitchbetweenoperatingmodesdynamicallyallowingtheusertoselectthebest
performance/powerratioforthepresenttaskinhand.Inthiswaymicrocontrolleroperationsthat
donotrequirehighperformancecanbeexecutedusingslowerclocksthusrequiringlessoperating
currentandprolongingbatterylifeinportableapplications.
Insimpleterms,ModeSwitchingbetweentheNORMALModeandSLOWModeisexecuted
usingtheHLCLKbitandCKS2~CKS0bitsintheSMODregisterwhileModeSwitchingfromthe
NORMAL/SLOWModestotheSLEEP/IDLEModesisexecutedviatheHALTinstruction.When
aHALTinstructionisexecuted,whetherthedeviceenterstheIDLEModeortheSLEEPModeis
determinedbytheconditionoftheIDLENbitintheSMODregisterandFSYSONintheCTRL
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com