Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 190 page
background image
Rev. 1.10
1�
De�e��e� 1�� �01�
Rev. 1.10
15
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tLVDS
LVDO Sta�le Ti�e
—
Fo� LVR ena�le�
LVD off → on
—
—
15
μs
—
Fo� LVR disa�le�
LVD off → on
—
—
150
μs
tEERD
EEPROM Read Ti�e
—
—
—
—
�
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
1
�
�
�s
tTIMER
TCKn and Ti�e� Captu�e Input Pulse
Width
—
—
0.3
—
—
μs
Note:tSYS=1/fSYS
LDO+PGA+ADC+VCM Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
VIN
LDO supply voltage
—
—
�.7
—
5.5
V
IVOREG
LDO ope�ating �u��ent
—
No load�
LDOVS[1:0]=00�
—
�00
5�0
μA
VOREG
LDO output voltage
(IL=0.1�A�
VIN>VOREG+0.�V)
—
LDOVS[1:0]=00�
-5%
�.�
+5%
V
—
LDOVS[1:0]=01�
�.�
—
LDOVS[1:0]=10�
�.9
—
LDOVS[1:0]=11�
3.3
D�opout voltage
(IL=10�A)
—
LDOVS[1:0]=00�
—
—
100
�V
—
LDOVS[1:0]=01�
—
—
130
—
LDOVS[1:0]=10�
—
—
180
—
LDOVS[1:0]=11�
—
—
�00
Te�pe�atu�e d�ift LDOVS[1:0]=00�
IL=100μA
—
Ta=-�0°C~85°C
—
—
�00
Pp�/°C
VOREG voltage d�ift
�.7V~5.5V
—
-0.3
—
+0.3
%/V
ΔVLOAD Load Regulation
�.7V
Load=0�A~10�A�
MCU HALT�
LDO=�.�V�
LDO ena�le�
othe� fun�tion disa�le
—
�5
50
�V
VCM
VCM output voltage
—
VCMS=0� AVDD=3.3V�
No load
-5% 1.05
+5%
V
—
VCMS=1� AVDD=3.3V�
No load
-5% 1.�5
+5%
V
—
IL=200μA
0.98
—
1.0�
V
Te�pe�atu�e d�ift
—
IL=10μA,
Ta=-�0°C~85°C
—
—
�00
Pp�/°C
AVDD voltage d�ift
—
No load�
AVDD=�.�V~3.3V
—
100
—
µV/V
tVCM
VCM tu�n on sta�le ti�e
—
—
10
—
—
�s
ICMSRC
VCM sou��e �u��ent
—
VCM d�op �% of VCM
1
—
—
�A
ICMSNK
VCM sink �u��ent
—
VCM �aise �% of VCM
1
—
—
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com