Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 190 page
background image
Rev. 1.10
�0
De�e��e� 1�� �01�
Rev. 1.10
�1
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
device.TheLVRfunctionisalwaysenabledwithaspecificLVRvoltageVLVR.Ifthesupplyvoltage
ofthedevicedropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,
theLVRwillautomaticallyresetthedeviceinternallyandtheLVRFbitintheCTRLregisterwill
alsobesethigh.ForavalidLVRsignal,alowsupplyvoltage,i.e.,avoltageintherangebetween
0.9V~VLVRmustexistforatimegreaterthanthatspecifiedbytLVRintheA.C.characteristics.Ifthe
lowsupplyvoltagestatedoesnotexceedthisvalue,theLVRwillignorethelowsupplyvoltageand
willnotperformaresetfunction.TheactualVLVRvaluecanbeselectedbytheLVS7~LVS0bitsin
theLVRCregister.IftheLVS7~LVS0bitsarechangedtosomecertainvaluesbytheenvironmental
noiseorsoftwaresetting,theLVRwillresetthedeviceafter2~3fSUBclockcycles.Whenthis
happens,theLRFbitintheCTRLregisterwillbesethigh.Afterpowerontheregisterwillhavethe
valueof01010101B.NotethattheLVRfunctionwillbeautomaticallydisabledwhenthedevice
entersthepowerdownmode.
LV R
In te r nal R es et
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=16.7ms
Low Voltage Reset Timing Chart
• LVRC Register
Bit
7
6
5
4
3
2
1
0
Na�e
LVS7
LVS�
LVS5
LVS�
LVS3
LVS�
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit7~0
LVS7~LVS0:LVRvoltageselect
01010101:2.1V
00110011:2.55V
10011001:3.15V
10101010:3.8V
Othervalues:MCUreset(registerisresettoPORvalue).
Whenanactuallowvoltageconditionoccurs,asspecifiedbyoneofthefourdefined
LVRvoltagevaluesabove,anMCUresetwillbegenerated.Theresetoperationwill
beactivatedafter2~3fSUBclockcycles.Inthissituationtheregistercontentswill
remainthesameaftersucharesetoccurs.
Anyregistervalue,otherthanthefourdefinedLVRvaluesabove,willalsoresultin
thegenerationofanMCUreset.Theresetoperationwillbeactivatedafter2~3fSUB
clockcycles.HoweverinthissituationtheregistercontentswillberesettothePOR
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com