Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 99 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 99 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 190 page
background image
Rev. 1.10
98
De�e��e� 1�� �01�
Rev. 1.10
99
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Internal Power Supply
ThisdevicecontainstheLDOandVCMfortheregulatedpowersupply.Theaccompanying
blockdiagramillustratesthebasicfunctionaloperation.TheinternalLDOcanprovidethefixed
voltageforPGA,ADCortheexternalcomponents;aswelltheVCMcanbeusedasthereference
voltageforADCmodule.TherearefourLDOvoltagelevels,2.4V,2.6V,2.9Vor3.3V,decidedby
LDOVS1~LDOVS0bitsinthePWRCregister,aswelltheVCMhastwooutputvoltagelevels,
1.05Vor1.25V,selectedbytheVCMSbitinthePGAC1register.TheLDOandVCMfunctions
canbecontrolledbytheENLDOandENVCMbitsrespectivelyandcanbepoweredofftoreduce
thepowerconsumption.Inaddition,theLDObypassfunctioncanbeenabledordisabledbythe
LDOBPSbitintheregister.
Bypass
ENLDO
LDO
VCM
�.�
�.�
�.�
3.3
1.05
1.�5
LDOVS[1:0]
Fo� PGA� ADC powe�
PGA
Analog �o��on �ode voltage
1.05V o� 1.�5V
VCMS
ENVCM
VDD
VOUT/AVDD
Fo� senso� powe�
VCM
LDOBPS
Internal Power Supply Block Diagram
Registers
Output Voltage
ADOFF
ENLDO
ENVCM
VOUT/AVDD
VCM
1
0
x
Disa�le
Disa�le
1
1
x
Ena�le
Disa�le
0
0
0
Disa�le
Disa�le
0
1
0
Ena�le
Disa�le
0
0
1
Disa�le
Disa�le
0
1
1
Ena�le
Ena�le
“x” �eans don’t �a�e
Power Control Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com