Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 103 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 103 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 107Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 190 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
103
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
PGAC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
VGS1
VGS0
AGS1
AGS0
PGS�
PGS1
PGS0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas“0”
Bit6~5
VGS1~VGS0:VREFgainselection
00:1
01:1/2
10:1/4
11:Reserved
Bit4~3
AGS1~AGS0:ADCgainselection
00:1
01:2
10:4
11:8
Bit2~0
PGS2~PGS0:PGAgainselection
000:1
001:2
010:4
011:8
100:16
101:32
110:64
111:128
PGAC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
VCMS
INIS
—
—
DCSET� DCSET1 DCSET0
—
R/W
R/W
R/W
—
—
R/W
R/W
R/W
—
POR
1
0
—
—
0
0
0
—
Bit7
VCMS:AnalogCommonmodevoltageselection
0:1.05V
1:1.25V
Bit6
INIS:Theselectedinputends,IN1andIN2,connectioncontrolbit
0:Notshorted
1:Shorted
Bit5~4
Unimplemented,readas"0"
Bit3~1
DCSET2~DCSET0:TheDI+/DI-differentialinputoffsetvoltageadjustmentcontrol
000:+0V
001:+0.25VR
010:+0.5VR
011:+0.75VR
100:+0V
101:-0.25VR
110:-0.5VR
111:-0.75VR
Bit0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com