Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 190 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
107
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
ADCS Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
ADCK�
ADCK3
ADCK�
ADCK1
ADCK0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas“0”
Bit4~0
ADCK4~ADCK0:SelectADCclocksource(fMCLK)
00000~11110:fSYS/2/(ADCK[4:0]+1)
11111:fSYS
DuetotheADCclocksource,fMCLK,istypicallydesignedas4.8MHzandtheMCU
mightbeselectedtoworkatdifferentsystemclock,therefore,thedesignershould
usetheADCK4~ADCK0bitstogetthefixed4.8MHzADCworkingclocksource.
Forexample,ifthesystemclockis9.6MHz,theADCK[4:0]mustbe0togetthe
fMCLK=4.8MHz.
A/D Operation
TheADCprovidesthreeoperationalmodes,whicharePowerdownmode,SleepmodeandReset
mode,controlledrespectivelybytheADOFF,ADSLPandADRSTbitsintheADCR0register.The
followingtableillustratestheoperatingmodeselection.
ADOFF
ADSLP
ADRST
Operating mode
Description
1
x
x
Powe� down �ode
PGA off� ADC off
0
1
x
Sleep �ode
PGA on� ADC off
0
0
1
Reset �ode
PGA on� ADC on� SINC Reset
“x” unknown
A/D operation mode selection
ToenabletheADC,thefirststepistodisabletheADCpowerdownandsleepmode,tomakesure
theADCispoweredup.TheADRSTbitintheADCR0registerisusedtostartandresettheA/D
converterafterpoweron.Whenthemicrocontrollersetsthisbitfromlowtohighandthenlow
again,ananalogtodigitalconverteddatainSINCfilterwillbeinitiated.Afterthissetupiscomplete,
theADCisreadyforoperation.Thesethreebitsareusedtocontroltheoverallstartoperationofthe
internalanalogtodigitalconverter.
TheEOCbitintheADCR1registerisusedtoindicatewhentheanalogtodigitalconversionprocess
iscomplete.Thisbitwillbeautomaticallysethighbythemicrocontrollerafteraconversioncycle
hasended.Inaddition,thecorrespondingA/Dinterruptrequestflagwillbesetintheinterrupt
controlregister,andiftheinterruptsareenabled,anappropriateinternalinterruptsignalwillbe
generated.ThisA/DinternalinterruptsignalwilldirecttheprogramflowtotheassociatedA/D
internalinterruptaddressforprocessing.IftheA/Dinternalinterruptisdisabled,themicrocontroller
canbeusedtopolltheEOCbitintheADCR1registertocheckwhetherithasbeenset“1”asan
alternativemethodofdetectingtheendofanA/Dconversioncycle.TheADCconverteddatawill
beupdatedcontinuouslybythenewconverteddata.IftheADCconverteddatalatchfunctionis
enabled,thelatestconverteddatawillbelatchedandthefollowingnewconverteddatawillbe
discardeduntilthisdatalatchfunctionisdisabled.
TheclocksourcefortheA/Dconvertershouldbetypicallyfixedatavalueof4.8MHz,which
originatesfromthesystemclockfSYS,andcanbechosentobeeitherfSYSorasubdividedversion
offSYS.ThedivisionratiovalueisdeterminedbytheADCK4~ADCK0bitsintheADCSregisterto
obtaina4.8MHzclocksourcefortheADC.
ThedifferentialreferencevoltagesupplytotheA/DConvertercanbesuppliedfromeitherthe
internalpowersupplypins,VCMandAVSS,orfromanexternalreferencesourcesuppliedonpins,
VREFPandVREFN.ThedesiredselectionismadeusingtheVREFSbitintheADCR0register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com