Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 190 page
background image
Rev. 1.10
110
De�e��e� 1�� �01�
Rev. 1.10
111
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
A/D Programming Example
Example: Using an EOC polling method to detect the end of conversion
#include ht45f75.inc
data .section 'data'
adc_result_data_l db?
adc_result_data_m db?
adc_result_data_h db?
code .section ‘code’
start:
clr ADE
; disable ADC interrupt
mova,0C3H;PowercontrolforPGA,ADC
movPWRC,a;PWRC=11000011,LDOenable,VCMenable,
;LDOBypassdisable,LDOoutputvoltage:3.3V
mov a, 000H
movPGAC0,a;PGAgain=1,ADCgain=1,VREFgain=1
mov a, 080H
movPGAC1,a;VCM=1.25V,INIS,DCSET2~0indefaultvalue
setVRBUFP;enablebufferforVREF+
setVRBUFN;enablebufferforVREF-
setVREFS ;forusingexternalreference
clrADOR2 ;for10Hzoutputdatarate,ADOR[2:0]=001,FLMS[2:0]=000
clrADOR1
setADOR0
clrFLMS2
clrFLMS1
clrFLMS0
clrADOFF ;ADCexitpowerdownmode.
setADRST ;ADCinresetmode
clrADRST ;ADCinconversion(continuesmode)
clrEOC;Clear“EOC”flag
loop:
snzEOC;Polling“EOC”flag
jmploop ;Waitforreaddata
clradc_result_data_h
clradc_result_data_m
clr adc_result_data_l
mova,ADRL
movadc_result_data_l,a;GetLowbyteADCvalue
mova,ADRM
movadc_result_data_m,a;GetMiddlebyteADCvalue
mova,ADRH
movadc_result_data_h,a;GetHighbyteADCvalue
get_adc_value_ok:
clrEOC ;Clearingreadflag
jmp loop
; for next data read
end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com