Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 190 page
background image
Rev. 1.10
110
De�e��e� 1�� �01�
Rev. 1.10
111
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
�0 Digital output
Two's �o�ple�ent
DC input value
0111 1111 1111 1111 1111
1000 0000 0000 0000 0000
VREGN
DCSET
VREFN
VREFP
AIN
AIP
VREGN
ADGN
PGAGN
0
A/D Converted Data
TheADCconverteddataisrelatedtotheinputvoltageandthePGAselections.Theformatofthe
ADCoutputisatwo’scomplementbinarycode.Thelengthofthisoutputcodeis20bitsandthe
MSBisasignedbit.WhentheMSBis“0”,whichrepresentstheinputis“positive”,ontheother
hand,astheMSBis“1”,itrepresentstheinputis“negative”.Themaximumvalueis524287and
theminimumvalueis-524288.Iftheinputsignalisoverthemaximumvalue,theconverteddatais
limitedbythe524287,andiftheinputsignalislessthantheminimumvalue,theconverteddatais
limitedby-524288.
A/D Converted Data to Voltage
Thedesignercanrecovertheconverteddatabythefollowingequations:
IfMSB=0(PositiveConverteddata):
InputVoltage=(Converteddata-0)×(LSB/PGA)
IftheMSB=1(NegativeConverteddata):
Inputvoltage=(Two’scomplementofconverteddata-0)×(LSB/PGA)
Note:Two’scomplement=One’scomplement+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com