Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 190 page
background image
Rev. 1.10
11�
De�e��e� 1�� �01�
Rev. 1.10
115
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
SPI Registers
TherearethreeinternalregisterswhichcontroltheoveralloperationoftheSPIinterface.Theseare
theSIMDdataregisterandtworegistersSIMC0andSIMC2.NotethattheSIMC1registerisonly
usedbytheI2Cinterface.
Register
Name
Bit
7
6
5
4
3
2
1
0
SIMC0
SIM�
SIM1
SIM0
—
SIMDBC1 SIMDBC0
SIMEN
SIMICF
SIMD
D7
D�
D5
D�
D3
D�
D1
D0
SIMC�
D7
D�
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
SIM Registers List
TheSIMDregisterisusedtostorethedatabeingtransmittedandreceived.Thesameregisterisused
byboththeSPIandI2Cfunctions.BeforethedevicewritesdatatotheSPIbus,theactualdatato
betransmittedmustbeplacedintheSIMDregister.AfterthedataisreceivedfromtheSPIbus,the
devicecanreaditfromtheSIMDregister.AnytransmissionorreceptionofdatafromtheSPIbus
mustbemadeviatheSIMDregister.
SIMD Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D�
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
TherearealsotwocontrolregistersfortheSPIinterface,SIMC0andSIMC2.NotethattheSIMC2
registeralsohasthenameSIMAwhichisusedbytheI2Cfunction.TheSIMC1registerisnotused
bytheSPIfunction,onlybytheI2Cfunction.RegisterSIMC0isusedtocontroltheenable/disable
functionandtosetthedatatransmissionclockfrequency.AlthoughnotconnectedwiththeSPI
function,theSIMC0registerisalsousedtocontrolthePeripheralClockPrescaler.RegisterSIMC2
isusedforothercontrolfunctionssuchasLSB/MSBselection,writecollisionflagetc.
SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SIM�
SIM1
SIM0
—
SIMDBC1 SIMDBC0
SIMEN
SIMICF
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
1
1
1
—
0
0
0
0
Bit7~5
SIM2~SIM0:SIMOperatingModeControl
000:SPImastermode;SPIclockisfSYS/4
001:SPImastermode;SPIclockisfSYS/16
010:SPImastermode;SPIclockisfSYS/64
011:SPImastermode;SPIclockisfSUB
100:SPImastermode;SPIclockisTM0CCRPmatchfrequency/2
101:SPIslavemode
110:I2Cslavemode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSIMfunction.Aswellasselecting
iftheI2CorSPIfunction,theyareusedtocontroltheSPIMaster/Slaveselection
andtheSPIMasterclockfrequency.TheSPIclockisafunctionofthesystemclock
butcanalsobechosentobesourcedfromthefSUBorTM0.IftheSPISlaveModeis
selectedthentheclockwillbesuppliedbyanexternalMasterdevice.
Bit4
Unimplemented,readas“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com