Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 190 page
background image
Rev. 1.10
11�
De�e��e� 1�� �01�
Rev. 1.10
115
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Bit3~2
SIMDBC1~SIMDBC0:I2CDebounceTimeSelection
00:Nodebounce
01:2systemclockdebounce
1x:4systemclockdebounce
Bit1
SIMEN:SIMControl
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSIMinterface.WhentheSIMENbitis
clearedtozerotodisabletheSIMinterface,theSDI,SDO,SCKandSCS,orSDA
andSCLlineswillbeinafloatingconditionandtheSIMoperatingcurrentwillbe
reducedtoaminimumvalue.WhenthebitishightheSIMinterfaceisenabled.The
SIMconfigurationoptionmusthavefirstenabledtheSIMinterfaceforthisbittobe
effective.IftheSIMisconfiguredtooperateasanSPIinterfaceviatheSIM2~SIM0
bits,thecontentsoftheSPIcontrolregisterswillremainattheprevioussettingswhen
theSIMENbitchangesfromlowtohighandshouldthereforebefirstinitialisedby
theapplicationprogram.IftheSIMisconfiguredtooperateasanI2Cinterfaceviathe
SIM2~SIM0bitsandtheSIMENbitchangesfromlowtohigh,thecontentsoftheI2C
controlbitssuchasHTXandTXAKwillremainattheprevioussettingsandshould
thereforebefirstinitialisedbytheapplicationprogramwhiletherelevantI2Cflags
suchasHCF,HAAS,HBB,SRWandRXAKwillbesettotheirdefaultstates.
Bit0
SIMICF:SIMIncompletedFlag
0:SIMincompletedisnotoccurred
1:SIMincompletedisoccurred
TheSIMICFbitisdeterminedbySCSpin.WhenSCSpinissethigh,itwillclearthe
SPIcounter.Meanwhile,theinterruptisoccurredandtheincompletedflag,SIMICF,is
sethigh.
SIMC2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
D7~D6:Undefinedbit
Thisbitcanbereadorwrittenbyusersoftwareprogram.
Bit5
CKPOLB:Determinesthebaseconditionoftheclockline
0:TheSCKlinewillbehighwhentheclockisinactive
1:TheSCKlinewillbelowwhentheclockisinactive
TheCKPOLBbitdeterminesthebaseconditionoftheclockline,ifthebitishigh,
thentheSCKlinewillbelowwhentheclockisinactive.WhentheCKPOLBbitis
low,thentheSCKlinewillbehighwhentheclockisinactive.
Bit4
CKEG:DeterminesSPISCKactiveclockedgetype
CKPOLB=0
0:SCKishighbaselevelanddatacaptureatSCKrisingedge
1:SCKishighbaselevelanddatacaptureatSCKfallingedge
CKPOLB=1
0:SCKislowbaselevelanddatacaptureatSCKfallingedge
1:SCKislowbaselevelanddatacaptureatSCKrisingedge
TheCKEGandCKPOLBbitsareusedtosetupthewaythattheclocksignaloutputs
andinputsdataontheSPIbus.Thesetwobitsmustbeconfiguredbeforedatatransfer
isexecutedotherwiseanerroneousclockedgemaybegenerated.TheCKPOLBbit
determinesthebaseconditionoftheclockline,ifthebitishigh,thentheSCKline
willbelowwhentheclockisinactive.WhentheCKPOLBbitislow,thentheSCK
linewillbehighwhentheclockisinactive.TheCKEGbitdeterminesactiveclock
edgetypewhichdependsupontheconditionofCKPOLBbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com