Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 190 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
105
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
PGACS Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
CHSN�
CHSN1
CHSN0
CHSP�
CHSP1
CHSP0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5~3
CHSN2~CHSN0:PGAnegativeinputendsselection
000:AN1
001:AN3
010:Reserved
011:Reserved
100:Reserved
101:VDD/5
110:VCM
111:TemperaturesensorVTSO-
Bit2~0
CHSP2~CHSP0:PGApositiveinputendsselection
000:AN0
001:AN2
010:Reserved
011:Reserved
100:Reserved
101:RFC–TheRFCisasingle-endinput,ifselected,thenthePGAnegativeinput
mustselectVCM,AN1orAN3.
110:VCM
111:TemperaturesensorVTSO+
Note:IfthePGAisassignedtohaveasingleendinputonDI+,thentheDI-inputmustselectVCM.
A/D Converter Data Registers – ADRL, ADRM, ADRH
Thisdevicecontainsaninternal20-bitΔΣA/Dconverter,itrequiresthreedataregisterstostorethe
convertedvalue.Theseareahighbyteregister,knownasADRH,ADRMandalowbyteregister,
knownasADRL.Aftertheconversionprocesstakesplace,theseregisterscanbedirectlyreadbythe
microcontrollertoobtainthedigitisedconversionvalue.D0~D19aretheA/Dconversionresultdata
bits.
ADRH Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
D19
D18
D17
D1�
R/W
—
—
—
—
R
R
R
R
POR
—
—
—
—
x
x
x
x
“x” unknown
Bit7~4
Unimplemented,readas“0”
Bit3~0
A/DconversiondataRegisterbit19~bit16
ADRM Register
Bit
7
6
5
4
3
2
1
0
Na�e
D15
D1�
D13
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
x
x
x
x
x
x
x
x
“x” unknown
Bit7~0
A/DconversiondataRegisterbit15~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com