Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 101 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 101 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 105Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 190 page
background image
Rev. 1.10
100
De�e��e� 1�� �01�
Rev. 1.10
101
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Analog to Digital Converter – ADC
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thisdevicecontainsahighaccuracymulti-channel20-bitdelta-sigmaanalog-to-digital(ΔΣA/D)
converterwhichcandirectlyinterfacetoexternalanalogsignals,suchasthatfromsensorsorother
controlsignalsandconvertthesesignalsdirectlyintoa20-bitdigitalvalue.Inaddition,thePGA
gaincontrol,ADCgaincontrolandADCreferencegaincontroldeterminetheamplificationgainfor
ADCinputsignal.Thedesignercanselectthebestgaincombinationforthedesiredamplification
appliedtotheinputsignal.ThefollowingblockdiagramillustratestheADCbasicoperational
function.TheADCinputchannelcanbearrangedastwodifferentialinputchannels.Theinput
signalcanbeamplifiedbyPGAbeforeenteringthe20-bitdelta-sigmaADC.TheΔΣADCmodulator
willoutputonebitconverteddatatoSINCfilterwhichcantransformtheconvertedone-bitdata
to20bitsandstorethemintothespecificdataregisters.Additionally,thisdevicealsoprovidesa
temperaturesensortocompensatetheA/Dconverterdeviationcausedbythetemperature.Withhigh
accuracyandperformance,thisdeviceisverysuitableforScalerelatedproducts.
VDD/5
VCM
AN0
AN�
VTSO+
RFC
CHSP[�:0]
AN1
AN3
VTSO-
CHSN[�:0]
PGS=x1�x��x��x8�x1
��x3��x���x1�8
IN1
IN�
INIS
DI-
DI+
REFP
REFN
VGS= x1� x1/�� x1/�
AGS= x1� x�� x�� x8
�0-�it ADC
VCM
DCSET[�:0]
SINC Filte�
ADOR[�:0]
ADRST
Buffe�
VRP
VRN
01
VCM
VREFP
01
AVSS
VREFN
VREFS
VCM
000
001
101
110
111
000
001
101
110
111
VRBUFP
VRBUFN
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com