Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 190 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�5
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
SIMTOC Register
Bit
7
6
5
4
3
2
1
0
Na�e
SIMTOEN SIMTOF SIMTOS5 SIMTOS� SIMTOS3 SIMTOS� SIMTOS1 SIMTOS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
SIMTOEN:I2CinterfaceTime-outcontrol
0:Disable
1:Enable
Bit6
SIMTOF:I2CinterfaceTime-outflag
0:Nooccurred
1:Occurred
TheSIMTOFflagissetbythetime-outcircuitrywhenthetime-outeventoccursand
clearedbysoftwareprogram.
Bit5~0
SIMTOS5~SIMTOS0:I2CinterfaceTime-outperiodselection
TheI2CTime-OutclocksourceisfSUB/32.
TheI2CTime-Outtimeis([SIMTOS5:SIMTOS0]+1)×(32/fSUB)
I2C Bus Communication
CommunicationontheI2Cbusrequiresfourseparatesteps,aSTARTsignal,aslavedeviceaddress
transmission,adatatransmissionandfinallyaSTOPsignal.WhenaSTARTsignalisplacedon
theI2Cbus,alldevicesonthebuswillreceivethissignalandbenotifiedoftheimminentarrivalof
dataonthebus.Thefirstsevenbitsofthedatawillbetheslaveaddresswiththefirstbitbeingthe
MSB.Iftheaddressoftheslavedevicematchesthatofthetransmittedaddress,theHAASbitinthe
SIMC1registerwillbesetandanI2Cinterruptwillbegenerated.Afterenteringtheinterruptservice
routine,theslavedevicemustfirstchecktheconditionoftheHAASbittodeterminewhetherthe
interruptsourceoriginatesfromanaddressmatchorfromthecompletionofan8-bitdatatransfer.
Duringadatatransfer,notethatafterthe7-bitslaveaddresshasbeentransmitted,thefollowingbit,
whichisthe8thbit,istheread/writebitwhosevaluewillbeplacedintheSRWbit.Thisbitwillbe
checkedbytheslavedevicetodeterminewhethertogointotransmitorreceivemode.Beforeany
transferofdatatoorfromtheI2Cbus,themicrocontrollermustinitialisethebus,thefollowingare
stepstoachievethis:
• Step1
SettheSIM2~SIM0bitsto"110"andtheSIMENbitsto"1"intheSIMC0registertoenablethe
I2Cbus.
• Step2
WritetheslaveaddressofthedevicetotheI2CbusaddressregisterSIMA.
• Step3
SettheSIEandSIMMuti-Functioninterruptenablebitoftheinterruptcontrolregistertoenable
theSIMinterruptandMulti-functioninterrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com