Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 149 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 149 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 148Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 149Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 150Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 151Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 152Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 153Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 190 page
background image
Rev. 1.10
1�8
De�e��e� 1�� �01�
Rev. 1.10
1�9
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
MFI1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
UIF
SIF
DEF
LVF
UIE
SIE
DEE
LVE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
UIF:UARTinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit6
SIF:SIMinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
DEF:DataEEPROMinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
LVF:LVDinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3
UIE:UARTinterruptcontrol
0:Disable
1:Enable
Bit2
SIE:SIMinterruptcontrol
0:Disable
1:Enable
Bit1
DEE:DataEEPROMinterruptcontrol
0:Disable
1:Enable
Bit0
LVE:LVDinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com