Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F75 Datasheet(PDF) 154 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 154 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 150Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 151Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 152Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 153Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 154Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 155Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 156Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 158Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 190 page
background image
Rev. 1.10
15�
De�e��e� 1�� �01�
Rev. 1.10
155
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Serial Interface Module Interrupt
TheSerialInterfaceModuleInterrupt,alsoknownastheSIMinterrupt,iscontainedwithinthe
Multi-functionInterrupt.AnSIMInterruptrequestwilltakeplacewhentheSIMInterruptrequest
flag,SIF,isset,whichoccurswhenabyteofdatahasbeenreceivedortransmittedbytheSIM
interface.Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobal
interruptenablebit,EMI,andtheSerialInterfaceInterruptenablebit,SIE,andMuti-function
interruptenablebits,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandabyte
ofdatahasbeentransmittedorreceivedbytheSIMinterface,asubroutinecalltotherespective
Multi-functionInterruptvector,willtakeplace.WhentheSerialInterfaceInterruptisserviced,the
EMIbitwillbeautomaticallyclearedtodisableotherinterrupts,howeveronlytheMulti-function
interruptrequestflagwillbealsoautomaticallycleared.AstheSIFflagwillnotbeautomatically
cleared,ithastobeclearedbytheapplicationprogram.
Time Base Interrupts
ThefunctionoftheTimeBaseInterruptsistoprovideregulartimesignalintheformofaninternal
interrupt.Theyarecontrolledbytheoverflowsignalsfromtheirrespectivetimerfunctions.When
thesehappenstheirrespectiveinterruptrequestflags,TB0ForTB1Fwillbeset.Toallowthe
programtobranchtotheirrespectiveinterruptvectoraddresses,theglobalinterruptenablebit,EMI
andTimeBaseenablebits,TB0EorTB1E,mustfirstbeset.Whentheinterruptisenabled,thestack
isnotfullandtheTimeBaseoverflows,asubroutinecalltotheirrespectivevectorlocationswill
takeplace.Whentheinterruptisserviced,therespectiveinterruptrequestflag,TB0ForTB1F,will
beautomaticallyresetandtheEMIbitwillbeclearedtodisableotherinterrupts.
ThepurposeoftheTimeBaseInterruptistoprovideaninterruptsignalatfixedtimeperiods.Their
clocksourcesoriginatefromtheinternalclocksourcefTB.ThisfTBinputclockpassesthrougha
divider,thedivisionratioofwhichisselectedbyprogrammingtheappropriatebitsintheTBC
registertoobtainlongerinterruptperiodswhosevalueranges.TheclocksourcethatgeneratesfTB,
whichinturncontrolstheTimeBaseinterruptperiod,canoriginatefromseveraldifferentsources,
asshownintheSystemOperatingModesection.
M
U
X
M
U
X
LX T
LI RC
f SY S /4
¸ 2 ~ 2
81 5
¸ 2 ~ 2
12
15
TB 11 ~T B1 0
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
Co nf ig ur at io n
Op ti o n
TB CK B it
TB 02 ~T B0 0
f TB
f SU B
Time Base Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com