Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2002 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Rev. 1.00
8
���� 1�� �01�
Rev. 1.00
9
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
MCU D.C. Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Vo�tage (HIRC)
fSYS=fHIRC=8MHz
�.�
5.5
V
fSYS=fHIRC=1�MHz
�.7
5.5
V
fSYS=fHIRC=1�MHz
3.3
5.5
V
Operating Vo�tage (LIRC)
— fSYS=fLIRC=3�kHz
�.�
5.5
V
IDD
Operating C�rrent (HIRC)
3V No �oad� fSYS=fHIRC=8MHz� ADC off�
WDT enab�e� LVR enab�e
1.0
�.0
mA
5V
�.5
�.0
mA
3V No �oad� fSYS=fHIRC=1�MHz� ADC off�
WDT enab�e� LVR enab�e
1.5
�.5
mA
5V
3.5
5.5
mA
3V No �oad� fSYS=fHIRC=1�MHz� ADC off�
WDT enab�e� LVR enab�e
�.0
3.0
mA
5V
�.5
7.0
mA
Operating C�rrent (LIRC)
3V No �oad� fSYS=fLICRC=3�kHz� ADC off�
WDT enab�e� LVR enab�e
15
30
μA
5V
30
�0
μA
Operating C�rrent� Norma� Mode�
fH=1�MHz (HIRC)
3V No �oad� fSYS=fH/�� ADC off�
WDT enab�e� LVR enab�e
�.0
3.0
mA
5V
3.0
�.0
mA
3V No �oad� fSYS=fH/��� ADC off�
WDT enab�e� LVR enab�e
1.0
1.�
mA
5V
1.�
�.�
mA
Operating C�rrent� Norma� Mode�
fH=1�MHz (HIRC)
3V No �oad� fSYS=fH/�� ADC off�
WDT enab�e� LVR enab�e
1.5
�.�
mA
5V
�.�
3.0
mA
3V No �oad� fSYS=fH/��� ADC off�
WDT enab�e� LVR enab�e
0.7
1.�
mA
5V
1.�
1.�
mA
Operating C�rrent�
Norma� Mode� fH=8MHz (HIRC)
3V No �oad� fSYS=fH/�� ADC off�
WDT enab�e� LVR enab�e
1.0
1.5
mA
5V
1.5
�.0
mA
3V No �oad� fSYS=fH/��� ADC off�
WDT enab�e� LVR enab�e
0.5
0.8
mA
5V
0.8
1.1
mA
ISTB
SLEEP0 Mode Standb� C�rrent
(LIRC Off)
3V
No �oad� a�� periphera�s off� WDT off
0.�
0.8
μA
5V
0.5
1.0
μA
SLEEP1 Mode Standb� C�rrent
(LIRC On)
3V No �oad� ADC off� WDT enab�e�
LVR disab�e
1.3
3.0
μA
5V
5.0
10
μA
IDLE0 Mode Standb� C�rrent
(LIRC On)
3V No �oad� ADC off� WDT enab�e�
LVR disab�e
1.3
3.0
μA
5V
5.0
10
μA
IDLE1 Mode Standb� C�rrent
(HIRC On)
3V No �oad� ADC off� WDT enab�e�
fSYS=fHIRC=8MHz on
0.8
1.�
mA
5V
1.0
�.0
mA
3V No �oad� ADC off� WDT enab�e�
fSYS=fHIRC=1�MHz on
1.�
�.�
mA
5V
1.5
3.0
mA
3V No �oad� ADC off� WDT enab�e�
fSYS=fHIRC=1�MHz on
1.�
3.�
mA
5V
�.0
�.0
mA
VIL
Inp�t Low Vo�tage for I/O Ports or
Inp�t Pins except RES Pin
5V
0
1.5
V
0
— 0.�VDD V
Inp�t Low Vo�tage for RES Pin
0
— 0.�VDD V
VIH
Inp�t High Vo�tage for I/O Ports or
Inp�t Pins except RES Pin
5V
3.5
5.0
V
0.8VDD
VDD
V
Inp�t High Vo�tage for RES Pin
0.9VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com