Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2002 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT45F2002 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Rev. 1.00
���� 1�� �01�
Rev. 1.00
3
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Features
MCU CPU Features
• Operatingvoltage
fSYS=8MHz:2.2V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:3.3V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Twooscillators
InternalRC−HIRC
Internal32kHzRC−LIRC
• Fullyintergratedinternal8/12/16MHzoscillatorrequiresnoexternalcomponents
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 63powerfulinstructions
• Upto6-levelsubroutinenesting
• Bitmanipulationinstruction
MCU Peripheral Features
• FlashProgramMemory:2K×15
• RAMDataMemory:96×8
• EEPROMMemory:32×8
• WatchdogTimerfunction
• Upto11bidirectionalI/Olines
• SoftwarecontrolledSCOMlinesLCDdriverwith1/2bias
• MultipleTimerModulesfortimemeasure,comparematchoutput,captureinput,PWMoutput,
singlepulseoutputfunctions
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• 5-channel12-bitresolutionA/Dconverter
• SerialInterfaceModule−SPIorI2C
• ProgrammableI/OportsourcecurrentforLEDdrivingapplications
• Lowvoltageresetfunction
• Flashprogrammemorycanbere-programmedupto100,000times
• Flashprogrammemorydataretention>10years
• EEPROMdatamemorycanbere-programmedupto1,000,000times
• EEPROMdatamemorydataretention>10years
• Packagetype:20-pinSSOP
Two Line Type Power Line Data Transmitter Features
• Completedatatransmissiononpowerlinefunctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com