Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2002 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Rev. 1.00
18
���� 1�� �01�
Rev. 1.00
19
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
MOV A�[m]
Move Data Memor� to ACC
1
None
MOV [m]�A
Move ACC to Data Memor�
1Note
None
MOV A�x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
C�ear bit of Data Memor�
1Note
None
SET [m].i
Set bit of Data Memor�
1Note
None
Branch Operation
�MP addr
��mp �nconditiona���
None
SZ [m]
Skip if Data Memor� is zero
1Note
None
SZA [m]
Skip if Data Memor� is zero with data movement to ACC
1Note
None
SZ [m].i
Skip if bit i of Data Memor� is zero
1Note
None
SNZ [m].i
Skip if bit i of Data Memor� is not zero
1Note
None
SIZ [m]
Skip if increment Data Memor� is zero
1Note
None
SDZ [m]
Skip if decrement Data Memor� is zero
1Note
None
SIZA [m]
Skip if increment Data Memor� is zero with res��t in ACC
1Note
None
SDZA [m]
Skip if decrement Data Memor� is zero with res��t in ACC
1Note
None
CALL addr
S�bro�tine ca��
None
RET
Ret�rn from s�bro�tine
None
RET A�x
Ret�rn from s�bro�tine and �oad immediate data to ACC
None
RETI
Ret�rn from interr�pt
None
Table Read Operation
TABRD [m]
Read table (specific page) to TBLH and Data Memory
Note
None
TABRDC [m]
Read tab�e (c�rrent page) to TBLH and Data Memor�
Note
None
TABRDL [m]
Read tab�e (�ast page) to TBLH and Data Memor�
Note
None
Miscellaneous
NOP
No operation
1
None
CLR [m]
C�ear Data Memor�
1Note
None
SET [m]
Set Data Memor�
1Note
None
CLR WDT
C�ear Watchdog Timer
1
TO� PDF
CLR WDT1
Pre-c�ear Watchdog Timer
1
TO� PDF
CLR WDT�
Pre-c�ear Watchdog Timer
1
TO� PDF
SWAP [m]
Swap nibb�es of Data Memor�
1Note
None
SWAPA [m]
Swap nibb�es of Data Memor� with res��t in ACC
1
None
HALT
Enter power down mode
1
TO� PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com