Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2002 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F2002
Description  2-Wire Communication Flash MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2002 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F2002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F2002 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Rev. 1.00
1�
���� 1�� �01�
Rev. 1.00
15
���� 1�� �01�
HT45F2002
2-Wire Communication Flash MCU
HT45F2002
2-Wire Communication Flash MCU
LVD Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVD
Low vo�tage detection vo�tage
5.7
�.0
�.3
V
VHYS
H�steresis Vo�tage
0.5
V
TC
Temperature coefficient (ΔVLVD/ΔTa)
Ta=-�0°C ~ 85°C
±0.9
mV/°C
Comparator Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
AOL
Open �oop gain
�0
80
dB
VHYS
H�steresis
0.15
V
tRP
Response time
5
μs
Constant Current Modulator Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tRP
Response Time
No Load
5
μs
Functional Description
Asthisdevicepackagecontainsmultipleinternalchips,foradetailedfunctionaldescription,users
mustrefertotherelevantindividualdatasheetsforboththeMCUandthepowerlinedatatransceiver
chip.Thefollowingtableshowswhatdevicesareinsideforthispackage.
Device
MCU
Power Line Data Transceiver
HT�5F�00�
HT��F00��
HT�5B0005
Multi-chip Internal Device
Althoughmostofthefunctionaldescriptionmaterialwillbelocatedintheindividualdatasheets,
therearesomespecialconsiderationswhichneedtobetakenintoaccountwhenusingmulti-chip
device.Thesepointswillbementionedinthefollowingsections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com