Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2020 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
Rev. 1.00
44
April 11, 2017
Rev. 1.00
45
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Periodic Type TM – PTM
ThePeriodicTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.ThePeriodicTMcan
alsobecontrolledwithtwoexternalinputpinsandcandrivetwoexternaloutputpin.
PTM Core
PTM Input Pin
PTM Output Pin
10-bit PTM
PTCK, PTPI
PTP, PTPB
fSYS
fSYS/4
fH/64
fH/16
fSUB
PTCK
000
001
010
011
100
101
110
111
PTCK2~PTCK0
10-bit Count-up Counter
10-bit Comparator P
CCRP
b0~b9
b0~b9
10-bit Comparator A
PTON
PTPAU
Comparator A Match
Comparator P Match
Counter Clear 0
1
Output
Control
Polarity
Control
Pin
Control
PTP
PTOC
PTM1, PTM0
PTIO1, PTIO0
PTMAF Interrupt
PTMPF Interrupt
PTPOL
PAS0
CCRA
PTCCLR
Edge
Detector
PTPI
PTIO1, PTIO0
fSUB
1
0
Pin
Control
PTCAPTS
PTPB
PAS0
Periodic Type TM Block Diagram
Periodic TM Operation
ThesizeofPeriodicTMis10-bitwideanditscoreisa10-bitcount-upcounterwhichisdrivenby
auserselectableinternalorexternalclocksource.Therearealsotwointernalcomparatorswiththe
names,ComparatorAandComparatorP.Thesecomparatorswillcomparethevalueinthecounter
withCCRPandCCRAregisters.TheCCRPandCCRAcomparatorsare10-bitwidewhosevalueis
respectivelycomparedwithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogramisto
clearthecounterbychangingthePTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aPTMinterruptsignalwillalsousuallybegenerated.ThePeriodic
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontroltheoutputpins.Alloperatingsetupconditions
areselectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com