Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2020 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Rev. 1.00
10
April 11, 2017
Rev. 1.00
11
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Shunt Regulator Electrical Characteristics – for HT45F2020 only
Ta=25°C
Symbol
Parameter
Condition
Min. Typ. Max. Unit
VUNREG
Supply Voltage
—
8
—
16
V
VOUT1
Load Voltage – No Load in
Room Temperature
VUNREG=8V~16V
ISUPPLY=ISHUNT(Max) @ VUNREG=16V
MCU in SLEEP mode, no load
-3%
5
+3%
V
VOUT2
Load Voltage – Load and supply
voltage within specification
ISUPPLY=ISHUNT(Max) @ VUNREG=16V
Select RSER (1) as MCU in SLEEP mode
with no load condition
1. VUNREG=8V, ILOAD=ILOAD(Max)
2. VUNREG=16V, ILOAD=0
-5%
5
+5%
V
ILOAD
Load Current (2)
VUNREG=8V~16V,
RSER=(16-VOUT1) / ISHUNT(Max)
0
—
15
mA
ISHUNT(Max)
Maximum Shunt Current
VUNREG=16V
80
—
—
mA
ISTATIC
Maximum Static Current
VUNREG=16V
—
—
5
mA
∆VLINE
Line Regulation
VUNREG=8 V to 16V
RSER=(16V – VOUT1) / ISHUNT(Max)
MCU in SLEEP mode, no load
—
—
0.3
%/V
∆VOUT_RIPPLE Output Voltage Ripple
VUNREG=8 V to 16V,
RSER=(16V – VOUT1) / ISHUNT(Max)
MCU alternately consumes the average
current IMCU and ILOAD(Max).
The MCU varies its consumption current
once every 0.5ms (3)
—
—
100
mV
∆VLOAD
Load Regulation
VUNREG=8V, 12V or 16V
RSER=(16V – VOUT1) / ISHUNT(Max)
ILOAD=0mA to ILOAD(Max),
CBYPASS=4.7μF, MCU in SLEEP mode
—
—
0.03 %/mA
RSER
ISUPPLY
VUNREG
VOUT
CBYPASS
ISHUNT
VDD
Feedback
VSS
ILOAD
VDD
VSS
Shunt Regulator Operational Block Diagram
Note:1.RSER=(VUNREG–VOUT)/ISUPPLY
2.Theloadcurrentmaximumspecificationvalueiscalculatedbasedonthefollowingformula.
ILOAD(Max)=ISHUNT(Max)×(VUNREG(Min)–VOUT1(Max))/(VUNREG(Max)–VOUT1(Min))–ISTATIC(Measured)
VUNREG(Max),VOUT1(Max)=MaximumspecificationvalueforVUNREGandVOUT1respectively
VUNREG(Min),VOUT1(Min)=MinimumspecificationvalueforVUNREGandVOUT1respectively
3.IMCU=MCUcurrentconsumptionmeasuredwhentheMCUtogglestwoI/Opinsevery0.5ms
withnoload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com