Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F2020 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Rev. 1.00
38
April 11, 2017
Rev. 1.00
39
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.Notethatthewake-upfunctioncanbecontrolledbythewake-upcontrol
registersonlywhenthepin-sharedfunctionalpinisselectedasgeneralpurposeinput/outputandthe
MCUentersthePowerdownmode.
PAWU Register
Bit
7
6
5
4
3
2
1
0
Name
PAWU3
PAWU2
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3~0
PAWU3~PAWU0:PortAbit3~bit0Wake-upControl
0:Disable
1:Enable
I/O Port Control Registers
EachI/OporthasitsowncontrolregisterknownasPAC,tocontroltheinput/outputconfiguration.
Withthiscontrolregister,eachCMOSoutputorinputcanbereconfigureddynamicallyunder
softwarecontrol.EachpinoftheI/Oportsisdirectlymappedtoabitinitsassociatedportcontrol
register.FortheI/Opintofunctionasaninput,thecorrespondingbitofthecontrolregistermust
bewrittenasa“1”.Thiswillthenallowthelogicstateoftheinputpintobedirectlyreadby
instructions.Whenthecorrespondingbitofthecontrolregisteriswrittenasa“0”,theI/Opinwill
besetupasaCMOSoutput.Ifthepiniscurrentlysetupasanoutput,instructionscanstillbeused
toreadtheoutputregister.However,itshouldbenotedthattheprogramwillinfactonlyreadthe
statusoftheoutputdatalatchandnottheactuallogicstatusoftheoutputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
PAC3
PAC2
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
Bit7~4
Unimplemented,readas“0”
Bit3~0
PAC3~PAC0:PortAbit3~bit0Input/OutputControl
0:Output
1:Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com