Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F240 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 79Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 80Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 81Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 82Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 83Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 84Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 85Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 86Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 172 page
background image
Rev. 1.20
82
�a��� 2�� 201�
Rev. 1.20
83
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Periodic Type TM Operating Modes
ThePeriodicTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingthePTM1andPTM0bitsinthePTMC1register.
Compare Output Mode
Toselectthismode,bitsPTM1andPTM0inthePTMC1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhenthePTCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchfromComparatorP,theotheriswhentheCCRPbitsareallzerowhichallowsthe
countertooverflow.HerebothPTMAFandPTMPFinterruptrequestflagsforComparatorAand
ComparatorPrespectively,willbothbegenerated.
IfthePTCCLRbitinthePTMC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlythePTMAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
PTCCLRishighnoPTMPFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto"0".
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchangestate.
TheTMoutputpinconditionhoweveronlychangesstatewhenaPTMAFinterruptrequestflagis
generatedafteracomparematchoccursfromComparatorA.ThePTMPFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
PTIO1andPTIO0bitsinthePTMC1register.TheTMoutputpincanbeselectedusingthePTIO1
andPTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
PTONbitchangesfromlowtohigh,issetupusingthePTOCbit.NotethatifthePTIO1andPTIO0
bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com