Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F240 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 18Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 172 page
background image
Rev. 1.20
14
�a��� 2�� 201�
Rev. 1.20
1�
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
LVD & LVR Electrical Characteristics
Ta=2�°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR Enable� 2.10V option
-�%
2.1
+�%
V
LVR Enable� 2.��V option
2.��
LVR Enable� 3.1�V option
3.1�
LVR Enable� 3.80V option
3.8
VLVD
Low Voltage Dete�to� Voltage
—
LVDEN=1� VLVD=2.0V
-�%
2.0
+�%
V
LVDEN=1� VLVD=2.2V
2.2
V
LVDEN=1� VLVD=2.4V
2.4
V
LVDEN=1� VLVD=2.7V
2.7
V
LVDEN=1� VLVD=3.0V
3.0
V
LVDEN=1� VLVD=3.3V
3.3
V
LVDEN=1� VLVD=3.6V
3.6
V
LVDEN=1� VLVD=4.0V
4.0
V
ILVR
Additional Powe� Consumption
if LVR is used
3.0V
LVR disable → LVR enable
—
10
20
μA
�.0V
—
1�
30
μA
ILVD
Additional Powe� Consumption
if LVD is used
3.0V LVD disable → LVD enable
(LVR disable)
—
10
20
μA
�.0V
—
1�
30
μA
3.0V LVD disable → LVD enable
(LVR enable)
—
1
2
μA
�.0V
—
2
4
μA
tLVR
Low Voltage Widt� to Reset
—
—
120
240
480
μs
tLVD
Low Voltage Widt� to Inte��upt
—
—
20
4�
90
μs
tLVDS
LVDO Stable Time
—
Fo� LVR enable� LVD off→on
—
—
1�
μs
—
Fo� LVR disable� LVD off→on
—
—
1�0
μs
Power-on Reset Characteristics
Ta=2�°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ensu�e Powe�-on Reset
—
—
—
—
100
mV
RRVDD
VDD Raising Rate to Ensu�e Powe�-on Reset
—
—
0.03�
—
—
V/ms
tPOR
�inimum Time fo� VDD Stays at VPOR to Ensu�e
Powe�-on Reset
—
—
1
—
—
ms
Ti me
V DD
V PO R
RR VD D
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com