Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F240 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 42Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 43Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 172 page
background image
Rev. 1.20
40
�a��� 2�� 201�
Rev. 1.20
41
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.
Fast Wake-up
TominimisepowerconsumptionthedevicecanentertheSLEEPorIDLE0Mode,wherethesystem
clocksourcetothedevicewillbestopped.Howeverwhenthedeviceiswokenupagain,itcantake
aconsiderabletimefortheoriginalsystemoscillatortorestart,stabilizeandallownormaloperation
toresume.ToensurethedeviceisupandrunningasfastaspossibleaFastWake-upfunctionis
provided,whichallowsfSUB,namelytheLIRCoscillator,toactasatemporaryclocktofirstdrivethe
systemuntiltheoriginalsystemoscillatorhasstabilised.AstheclocksourcefortheFastWake-up
functionisfSUB,theFastWake-upfunctionisonlyavailableintheSLEEP1andIDLE0modes.
WhenthedeviceiswokenupfromtheSLEEP0mode,theFastWake-upfunctionhasnoeffect
becausethefSUBclockisstopped.TheFastWake-upenable/disablefunctioniscontrolledusingthe
FSTENbitintheSMODregister.
IftheHXToscillatorisselectedastheNORMALModesystemclockandiftheFastWake-up
functionisenabled,thenitwilltakeonetotwotSUBclockcyclesoftheLIRCoscillatorforthe
systemtowake-up.ThesystemwilltheninitiallyrununderthefSUBclocksourceuntil1024HXT
clockcycleshaveelapsed,atwhichpointtheHTOflagwillswitchhighandthesystemwillswitch
overtooperatingfromtheHXToscillator.
IftheHIRCorLIRCoscillatorisusedasthesystemoscillator,thenitwilltake15~16clockcycles
oftheERC/HIRCoscillatoror1~2clockcyclesoftheLIRCosrillatorrespectivelytowakeupthe
systemfromtheSLEEPorIDLE0Mode.TheFastWake-upbit,FSTENwillhavenoeffectinthese
cases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
1024 HXT �y�les
1024 HXT �y�les
1~2 HXT �y�les
1
1024 HXT �y�les
1~2 fSUB �y�les
(System �uns wit� fSUB first for 1024 HXT
�y�les and t�en swit��es ove� to �un wit�
t�e HXT �lo�k )
1~2 HXT �y�les
HIRC
x
1�~16 HIRC �y�les
1�~16 HIRC �y�les
1~2 HIRC �y�les
LIRC
x
1~2 LIRC �y�les
1~2 LIRC �y�les
1~2 LIRC �y�les
LXT
x
1024 LXT �y�les
1024 LXT �y�les
1~2 LXT �y�les
Wake-up Times
NotethatiftheWatchdogTimerisdisabled,whichmeansthatthefSUBclockdrivedfromtheLXT
orLIRCoscillatorisoff,thentherewillbenoFastWake-upfunctionavailablewhenthedevice
wakes-upfromtheSLEEP0Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com