Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F240 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 172 page
background image
Rev. 1.20
34
�a��� 2�� 201�
Rev. 1.20
3�
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
LXT Oscillator Low Power Function
TheLXToscillatorcanfunctioninoneoftwomodes,theQuickStartModeandtheLowPower
Mode.ThemodeselectionisexecutedusingtheLXTLPbitintheTBCregister.
LXTLP Bit
LXT Mode
0
Qui�k Sta�t
1
Low-powe�
AfterpowerontheLXTLPbitwillbeautomaticallyclearedtozeroensuringthattheLXToscillator
isintheQuickStartoperatingmode.IntheQuickStartModetheLXToscillatorwillpowerup
andstabilisequickly.However,aftertheLXToscillatorhasfullypoweredupitcanbeplaced
intotheLow-powermodebysettingtheLXTLPbithigh.Theoscillatorwillcontinuetorunbut
withreducedcurrentconsumption,asthehighercurrentconsumptionisonlyrequiredduringthe
LXToscillatorstart-up.Inpowersensitiveapplications,suchasbatteryapplications,wherepower
consumptionmustbekepttoaminimum,itisthereforerecommendedthattheapplicationprogram
setstheLXTLPbithighabout2secondsafterpower-on.
Itshouldbenotedthat,nomatterwhatconditiontheLXTLPbitissetto,theLXToscillatorwill
alwaysfunctionnormally,theonlydifferenceisthatitwilltakemoretimetostartupifinthe
Low-powermode.
Internal 32kHz Oscillator – LIRC
TheInternal32kHzSystemOscillatorisoneofthelowfrequencyoscillatorchoices,whichis
selectedviaconfigurationoption.ItisafullyintegratedRCoscillatorwithatypicalfrequencyof
32kHzat5V,requiringnoexternalcomponentsforitsimplementation.Devicetrimmingduring
themanufacturingprocessandtheinclusionofinternalfrequencycompensationcircuitsareused
toensurethattheinfluenceofthepowersupplyvoltage,temperatureandprocessvariationsonthe
oscillationfrequencyareminimised.Asaresult,atapowersupplyof5Vandatatemperatureof
25°Cdegrees,thefixedoscillationfrequencyof32kHzwillhaveatolerancewithin10%.
Supplementary Oscillators
Thelowspeedoscillators,inadditiontoprovidingasystemclocksourcearealsousedtoprovide
aclocksourcetotwootherdevicefunctions.ThesearetheWatchdogTimerandtheTimeBase
Interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com