Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104FDD Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R5F104FDD Datasheet HTML 82Page - Renesas Technology Corp R5F104FDD Datasheet HTML 83Page - Renesas Technology Corp R5F104FDD Datasheet HTML 84Page - Renesas Technology Corp R5F104FDD Datasheet HTML 85Page - Renesas Technology Corp R5F104FDD Datasheet HTML 86Page - Renesas Technology Corp R5F104FDD Datasheet HTML 87Page - Renesas Technology Corp R5F104FDD Datasheet HTML 88Page - Renesas Technology Corp R5F104FDD Datasheet HTML 89Page - Renesas Technology Corp R5F104FDD Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 86 of 208
Aug 12, 2016
Note 1.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp setup time becomes “to SCKp↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 2.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The SIp hold time becomes “from SCKp↓” when
DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 3.
When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. The delay time to SOp output becomes “from
SCKp↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
Note 4.
C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and SCKp pin by using
port input mode register g (PIMg) and port output mode register g (POMg).
Remark 1.
p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31), m: Unit number (m = 0, 1), n: Channel number (n = 0 to 3),
g: PIM number (g = 0, 1, 3 to 5, 14)
Remark 2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))
(3)
During communication at same potential (CSI mode) (master mode, SCKp... internal clock output)
(TA = -40 to +85°C, 1.6 V
EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed main)
mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK 2.7 V
EVDD0 5.5 V
125
500
1000
ns
2.4 V
EVDD0 5.5 V
250
500
1000
ns
1.8 V
EVDD0 5.5 V
500
500
1000
ns
1.7 V
EVDD0 5.5 V
1000
1000
1000
ns
1.6 V
EVDD0 5.5 V
1000
1000
ns
SCKp high-/low-level
width
tKH1,
tKL1
4.0 V
EVDD0 5.5 V
tKCY1/2 - 12
tKCY1/2 - 50
tKCY1/2 - 50
ns
2.7 V
EVDD0 5.5 V
tKCY1/2 - 18
tKCY1/2 - 50
tKCY1/2 - 50
ns
2.4 V
EVDD0 5.5 V
tKCY1/2 - 38
tKCY1/2 - 50
tKCY1/2 - 50
ns
1.8 V
EVDD0 5.5 V
tKCY1/2 - 50
tKCY1/2 - 50
tKCY1/2 - 50
ns
1.7 V
EVDD0 5.5 V
tKCY1/2 - 100
tKCY1/2 - 100
tKCY1/2 - 100
ns
1.6 V
EVDD0 5.5 V
—tKCY1/2 - 100
tKCY1/2 - 100
ns
SIp setup time
(to SCKp↑) Note 1
tSIK1
4.0 V
EVDD0 5.5 V
44
110
110
ns
2.7 V
EVDD0 5.5 V
44
110
110
ns
2.4 V
EVDD0 5.5 V
75
110
110
ns
1.8 V
EVDD0 5.5 V
110
110
110
ns
1.7 V
EVDD0 5.5 V
220
220
220
ns
1.6 V
EVDD0 5.5 V
—220
220
ns
SIp hold time
(from SCKp↑) Note 2
tKSI1
1.7 V
EVDD0 5.5 V
19
19
19
ns
1.6 V
EVDD0 5.5 V
—19
19
ns
Delay time from
SCKp↓ to SOp output
Note 3
tKSO1
1.7 V
EVDD0 5.5 V
C = 30 pF Note 4
25
25
25
ns
1.6 V
EVDD0 5.5 V
C = 30 pF Note 4
—25
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com