Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104FDD Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R5F104FDD Datasheet HTML 94Page - Renesas Technology Corp R5F104FDD Datasheet HTML 95Page - Renesas Technology Corp R5F104FDD Datasheet HTML 96Page - Renesas Technology Corp R5F104FDD Datasheet HTML 97Page - Renesas Technology Corp R5F104FDD Datasheet HTML 98Page - Renesas Technology Corp R5F104FDD Datasheet HTML 99Page - Renesas Technology Corp R5F104FDD Datasheet HTML 100Page - Renesas Technology Corp R5F104FDD Datasheet HTML 101Page - Renesas Technology Corp R5F104FDD Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 98 of 208
Aug 12, 2016
(Notes, Caution, and Remarks are listed on the next page.)
(7)
Communication at different potential (2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only)
(TA = -40 to +85°C, 2.7 V
EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed main)
mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 2/fCLK 4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
200
1150
1150
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
300
1150
1150
ns
SCKp high-level
width
tKH1
4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
tKCY1/2 - 50
tKCY1/2 - 50
tKCY1/2 - 50
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
tKCY1/2 - 120
tKCY1/2 - 120
tKCY1/2 - 120
ns
SCKp low-level
width
tKL1
4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
tKCY1/2 - 7
tKCY1/2 - 50
tKCY1/2 - 50
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
tKCY1/2 - 10
tKCY1/2 - 50
tKCY1/2 - 50
ns
SIp setup time
(to SCKp↑) Note 1
tSIK1
4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
58
479
479
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
121
479
479
ns
SIp hold time
(from SCKp↑) Note 1
tKSI1
4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
Delay time from
SCKp
↓ to SOp out-
put Note 1
tKSO1
4.0 V
EVDD0 5.5 V,
2.7 V
Vb 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
60
60
60
ns
2.7 V
EVDD0 < 4.0 V,
2.3 V
Vb 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
130
130
130
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com