Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F104FDD Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F104FDD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FDD Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F104FDD Datasheet HTML 88Page - Renesas Technology Corp R5F104FDD Datasheet HTML 89Page - Renesas Technology Corp R5F104FDD Datasheet HTML 90Page - Renesas Technology Corp R5F104FDD Datasheet HTML 91Page - Renesas Technology Corp R5F104FDD Datasheet HTML 92Page - Renesas Technology Corp R5F104FDD Datasheet HTML 93Page - Renesas Technology Corp R5F104FDD Datasheet HTML 94Page - Renesas Technology Corp R5F104FDD Datasheet HTML 95Page - Renesas Technology Corp R5F104FDD Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 92 of 208
Aug 12, 2016
Note 1.
The value must also be equal to or less than fMCK/4.
Note 2.
Set the fMCK value to keep the hold time of SCLr = “L” and SCLr = “H”.
Caution
Select the normal input buffer and the N-ch open drain output (VDD tolerance (for the 30- to 52-pin
products)/EVDD tolerance (for the 64- to 100-pin products)) mode for the SDAr pin and the normal output mode
for the SCLr pin by using port input mode register g (PIMg) and port output mode register h (POMh).
(Remarks are listed on the next page.)
(5)
During communication at same potential (simplified I2C mode)
(TA = -40 to +85°C, 1.6 V
EVDD0 = EVDD1 VDD 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed main)
mode
LS (low-speed main)
mode
LV (low-voltage main)
mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Data setup time
(reception)
tSU: DAT
2.7 V
EVDD0 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
1/fMCK + 85 Note 2
1/fMCK + 145 Note 2
1/fMCK + 145 Note 2
ns
1.8 V
EVDD0 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
1/fMCK + 145 Note 2
1/fMCK + 145 Note 2
1/fMCK + 145 Note 2
ns
1.8 V
EVDD0 < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK + 230 Note 2
1/fMCK + 230 Note 2
1/fMCK + 230 Note 2
ns
1.7 V
EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK + 290 Note 2
1/fMCK + 290 Note 2
1/fMCK + 290 Note 2
ns
1.6 V
EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
1/fMCK + 290 Note 2
1/fMCK + 290 Note 2
ns
Data hold time
(transmission)
tHD: DAT 2.7 V
EVDD0 5.5 V,
Cb = 50 pF, Rb = 2.7 k
Ω
0305
0
3050305
ns
1.8 V
EVDD0 5.5 V,
Cb = 100 pF, Rb = 3 k
Ω
0355
0
3550355
ns
1.8 V
EVDD0 < 2.7 V,
Cb = 100 pF, Rb = 5 k
Ω
0405
0
4050405
ns
1.7 V
EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
0405
0
4050405
ns
1.6 V
EVDD0 < 1.8 V,
Cb = 100 pF, Rb = 5 k
Ω
0
405
0
405
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com