Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFCDFB Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R5F564MFCDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFCDFB Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R5F564MFCDFB Datasheet HTML 75Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 76Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 77Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 78Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 79Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 80Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 81Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 82Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 79 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 652Ch
MPU
Data-Hit Region Register
MHITD
32
32
1 ICLK
MPU
0008 7010h to
0008 70FFh
ICU
Interrupt Request Registers 016 to 255
IR016 to 255
88
2 ICLK
ICUA
0008 711Ah to
0008 71FFh
ICU
DTC Transfer Request Enable Registers 026 to 255
DTCER026 to
DTCER255
88
2 ICLK
ICUA
0008 7202h to
0008 721Fh
ICU
Interrupt Request Enable Registers 02 to 1F
IER02 to
IER1F
88
2 ICLK
ICUA
0008 72E0h
ICU
Software Interrupt Generation Register
SWINTR
88
2 ICLK
ICUA
0008 72E1h
ICU
Software Interrupt 2 Generation Register
SWINT2R
88
2 ICLK
ICUA
0008 72F0h
ICU
Fast Interrupt Set Register
FIR
16
16
2 ICLK
ICUA
0008 7300h to
0008 73FFh
ICU
Interrupt Source Priority Registers 000 to 255
IPR000 to
IPR255
88
2 ICLK
ICUA
0008 7400h
ICU
DMAC Trigger Select Register 0
DMRSR0
88
2 ICLK
ICUA
0008 7404h
ICU
DMAC Trigger Select Register 1
DMRSR1
88
2 ICLK
ICUA
0008 7408h
ICU
DMAC Trigger Select Register 2
DMRSR2
88
2 ICLK
ICUA
0008 740Ch
ICU
DMAC Trigger Select Register 3
DMRSR3
88
2 ICLK
ICUA
0008 7410h
ICU
DMAC Trigger Select Register 4
DMRSR4
88
2 ICLK
ICUA
0008 7414h
ICU
DMAC Trigger Select Register 5
DMRSR5
88
2 ICLK
ICUA
0008 7418h
ICU
DMAC Trigger Select Register 6
DMRSR6
88
2 ICLK
ICUA
0008 741Ch
ICU
DMAC Trigger Select Register 7
DMRSR7
88
2 ICLK
ICUA
0008 7500h to
0008 750Fh
ICU
IRQ Control Registers 0 to 15
IRQCR0 to 15
88
2 ICLK
ICUA
0008 7520h
ICU
IRQ Pin Digital Filter Enable Register 0
IRQFLTE0
88
2 ICLK
ICUA
0008 7521h
ICU
IRQ Pin Digital Filter Enable Register 1
IRQFLTE1
88
2 ICLK
ICUA
0008 7528h
ICU
IRQ Pin Digital Filter Setting Register 0
IRQFLTC0
16
16
2 ICLK
ICUA
0008 752Ah
ICU
IRQ Pin Digital Filter Setting Register 1
IRQFLTC1
16
16
2 ICLK
ICUA
0008 7580h
ICU
Non-Maskable Interrupt Status Register
NMISR
88
2 ICLK
ICUA
0008 7581h
ICU
Non-Maskable Interrupt Enable Register
NMIER
88
2 ICLK
ICUA
0008 7582h
ICU
Non-Maskable Interrupt Status Clear Register
NMICLR
88
2 ICLK
ICUA
0008 7583h
ICU
NMI Pin Interrupt Control Register
NMICR
88
2 ICLK
ICUA
0008 7590h
ICU
NMI Pin Digital Filter Enable Register
NMIFLTE
88
2 ICLK
ICUA
0008 7594h
ICU
NMI Pin Digital Filter Setting Register
NMIFLTC
88
2 ICLK
ICUA
0008 7600h
ICU
Group BE0 Interrupt Request Register
GRPBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7630h
ICU
Group BL0 Interrupt Request Register
GRPBL0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7634h
ICU
Group BL1 Interrupt Request Register
GRPBL1
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7640h
ICU
Group BE0 Interrupt Request Enable Register
GENBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7670h
ICU
Group BL0 Interrupt Request Enable Register
GENBL0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7674h
ICU
Group BL1 Interrupt Request Enable Register
GENBL1
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7680h
ICU
Group BE0 Interrupt Clear Register
GCRBE0
32
32
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7700h
ICU
Software Configurable Interrupt B Request Register 0 PIBR0
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7701h
ICU
Software Configurable Interrupt B Request Register 1 PIBR1
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7702h
ICU
Software Configurable Interrupt B Request Register 2 PIBR2
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7703h
ICU
Software Configurable Interrupt B Request Register 3 PIBR3
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7704h
ICU
Software Configurable Interrupt B Request Register 4 PIBR4
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7705h
ICU
Software Configurable Interrupt B Request Register 5 PIBR5
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
0008 7706h
ICU
Software Configurable Interrupt B Request Register 6 PIBR6
8
8
2 ICLK to
1 PCLKB
2 ICLK
ICUA
Table 4.1
List of I/O Registers (Address Order) (8 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com