Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F564MFCDFB Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F564MFCDFB
Description  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MFCDFB Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F564MFCDFB Datasheet HTML 89Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 90Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 91Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 92Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 93Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 94Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 95Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 96Page - Renesas Technology Corp R5F564MFCDFB Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 93 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 A009h
SCI0
I2C Mode Register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Ah
SCI0
I2C Mode Register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Bh
SCI0
I2C Mode Register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Ch
SCI0
I2C Status Register
SISR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Dh
SCI0
SPI Mode Register
SPMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Eh
SCI0
Transmit Data Register H
TDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Fh
SCI0
Transmit Data Register L
TDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A00Eh
SCI0
Transmit Data Register HL
TDRHL
16
16
4, 5 PCLKB
2 ICLK
SCIg,
SCIh
0008 A010h
SCI0
Receive Data Register H
RDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A011h
SCI0
Receive Data Register L
RDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A010h
SCI0
Receive Data Register HL
RDRHL
16
16
4, 5 PCLKB
2 ICLK
SCIg,
SCIh
0008 A012h
SCI0
Modulation Duty Register
MDDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A020h
SCI1
Serial Mode Register
SMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A021h
SCI1
Bit Rate Register
BRR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A022h
SCI1
Serial Control Register
SCR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A023h
SCI1
Transmit Data Register
TDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A024h
SCI1
Serial Status Register
SSR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A025h
SCI1
Receive Data Register
RDR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A026h
SMCI1
Smart Card Mode Register
SCMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A027h
SCI1
Serial Extended Mode Register
SEMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A028h
SCI1
Noise Filter Setting Register
SNFR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A029h
SCI1
I2C Mode Register 1
SIMR1
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Ah
SCI1
I2C Mode Register 2
SIMR2
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Bh
SCI1
I2C Mode Register 3
SIMR3
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Ch
SCI1
I2C Status Register
SISR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Dh
SCI1
SPI Mode Register
SPMR
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Eh
SCI1
Transmit Data Register H
TDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Fh
SCI1
Transmit Data Register L
TDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A02Eh
SCI1
Transmit Data Register HL
TDRHL
16
16
4, 5 PCLKB
2 ICLK
SCIg,
SCIh
0008 A030h
SCI1
Receive Data Register H
RDRH
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
0008 A031h
SCI1
Receive Data Register L
RDRL
8
8
2, 3 PCLKB
2 ICLK
SCIg,
SCIh
Table 4.1
List of I/O Registers (Address Order) (22 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com