Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R62 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT46R62
Description  52-pin LQFP竊?6-pin SSOP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R62 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT46R62_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R62_13 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
HT46R62/HT46C62
Rev. 1.80
30
2013-10-31
应用电路
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
HT46R62/HT46C62
PD4/INT0
PD5/INT1
COM0~COM2
COM3/SEG19
SEG0~SEG18
C1
C2
V1
V2
LCD PowerSupply
VLCD
PD6/TMR
0.1
F
0.1
F
0.1
F
VMAX
PB0/AN0
PB5/AN5
PD0/PWM0
PD2/PWM2
OSC1
OSC2
OSC
Circuit
See right side
RES
0.1
F*
100k
VDD
VSS
0.1
F
VDD
0.01
F*
10k
LCD
PANEL
OSC1
OSC2
VDD
ROSC
fSYS/4
OSC1
OSC2
470pF
R1
C1
C2
OSC Circuit
OSC1
OSC2
Crystal System Oscillator
For the values,
see table below
RC System Oscillator
30k
<ROSC<750k
32768Hz Crystal System
Oscillator
OSC1 and OSC2 left
unconnected
OSC3
OSC4
32768Hz
下表是不同晶体频率时,C1、C2 和 R1 的不同取值。
晶体或共振器
C1、C2
R1
4MHz 晶体
0pF
10k
4MHz 共振器
10pF
12k
3.58MHz 晶体
0pF
10k
3.58MHz 共振器
25pF
10k
2MHz 晶体和共振器
25pF
10k
1MHz 晶体
35pF
27k
480kHz 共振器
300pF
9.1k
455kHz 共振器
300pF
10k
429kHz 共振器
300pF
10k
R1 的作用是在低电压的时候确保关闭振荡,此低电压值低于单片机的最低工作电压。需要注意的是如
果 LVR 使能,可以不加 R1。
注: 电阻和电容值选取的原则是使 VDD 保持稳定并在RES 置为高以前把工作电压保持在允许的范围内。
“*”为了避免噪声干扰,连接RES 引脚的线请尽可能地短
“V
MAX”接 VDD、VLCD 或 V1 请参考下表。
LCD 偏压方式
R 型偏压
C 型偏压
LCD 偏压类型
1/2bias
1/3bias
1/2bias
1/3bias
VMAX
如果 V
DD>VLCD,则 VMAX 接到
VDD,反之 VMAX 接到 VLCD
如果 V
DD>
2
3
VLCD,则 VMAX
接到 V
DD,
反之 V
MAX 接到 V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com