Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43199 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 49Page - Cirrus Logic CS43199 Datasheet HTML 50Page - Cirrus Logic CS43199 Datasheet HTML 51Page - Cirrus Logic CS43199 Datasheet HTML 52Page - Cirrus Logic CS43199 Datasheet HTML 53Page - Cirrus Logic CS43199 Datasheet HTML 54Page - Cirrus Logic CS43199 Datasheet HTML 55Page - Cirrus Logic CS43199 Datasheet HTML 56Page - Cirrus Logic CS43199 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 111 page
background image
DS1113F1
53
CS4399
5.9 Audio Output Power-Up Sequence
5.9.2
DSD Power-Up Sequence
Example 5-6. DSD Power-Up Sequence
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Run DSD power-up initialization sequence in Ex. 5-4.
2 Power on appropriate interface.Power Down Control. 0x20000
data (0x20000)
AND (0xHH)
For DoP on XSP, HH = 7F.
For DoP on ASP, HH = BF.
For DSD interface, HH = DF.
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
B
B
B
x
x
x
x
x
XSP interface enable
ASP interface enable
DSD interface enable
3 Pop-free startup
0x1002C
0x0A
4 Power on amplifier
Power Down Control. 0x20000
data (0x20000)
AND (0xEF)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
x
x
0
x
x
x
0
Power up DAC output
5 Wait for 10 ms
6 Restore defaults
0xC0006
0x0C
0xC0002
0x10
0xC0009
0x20
7 Audio output will be active. Wait for 1000 ms.
8 Restore defaults
0x1002C
0x00
0x10010
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com