Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43199 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 53Page - Cirrus Logic CS43199 Datasheet HTML 54Page - Cirrus Logic CS43199 Datasheet HTML 55Page - Cirrus Logic CS43199 Datasheet HTML 56Page - Cirrus Logic CS43199 Datasheet HTML 57Page - Cirrus Logic CS43199 Datasheet HTML 58Page - Cirrus Logic CS43199 Datasheet HTML 59Page - Cirrus Logic CS43199 Datasheet HTML 60Page - Cirrus Logic CS43199 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
DS1113F1
57
CS4399
5.10 Example Sequences
7
Start XTAL
Power Down Control. 0x20000
0xF6
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
1
1
1
1
0
1
1
0
Power up XTAL driver
8
Apply DSD power-up initialization in Ex. 5-4
9
Configure PLL. Input is 22.5792 MHz. Output is 24.576 MHz.
10 Power up PLL
Power Down Control. 0x20000
0xF2
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
1
1
1
1
0
0
1
0
Power up PLL
11 Set PLL Pre-Divide
PLL Setting 9. 0x40002
0x03
PLL_REF_PREDIV
Reserved
11
00 0000
Divide PLL Reference by 8
12 Set PLL Output Divide
PLL Setting 6. 0x30008
0x08
PLL_OUT_DIV
0x08
Divide PLL output by 8
13 Set Fractional portion of PLL
divide ratio
PLL Setting 2. 0x30002
0x00
PLL_DIV_FRAC_0
0x00
PLL Setting 3. 0x30003
0xF7
PLL_DIV_FRAC_1
0xF7
PLL Setting 4. 0x30004
0x06
PLL_DIV_FRAC_2
0x06
14 Set integer portion of PLL divide
ratio
PLL Setting 5. 0x30005
0x44
PLL_DIV_INT
0x44
15 Set PLL Mode
PLL Setting 8. 0x3001B
0x01
Reserved
PLL_MODE
Reserved
0000 00
0
1
Use 500/512 factor
16 Set PLL Calibration Ratio
PLL Setting 7. 0x3000A
0x8B
PLL_CAL_RATIO
0x8B
Set PLL Cal Ratio to 139
17 Read Interrupt Status 1 register (0xF0000) to clear any pending interrupts.
18 Enable PLL Interrupts
Interrupt Mask 1. 0xF0010
0xE1
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
1
1
0
0
0
0
1
Enable PLL Ready and Error Interrupts
19 Start PLL
PLL Setting 1. 0x30001
0x01
Reserved
PLL_START
000 0001
0
Start PLL
20 Configure DSDIF to playback 64•Fs DSD stream. DSDIF is configured as a slave.
21 Configure DSD Volume
DSD Volume A. 0x70001
0x00
DSD_VOLUME_A
0x00
Channel A volume set to 0dB
22 Configure DSD path Signal
Control1
DSD Processor Path Signal Control 1.
0x70002
0xEC
Reserved
DSD_VOL_BEQA
DSD_SZC
Reserved
DSD_AMUTE
DSD_AMUTE_BEQA
DSD_MUTE_A
DSD_MUTE_B
1
1
1
0
1
1
0
0
DSD Volume B equals DSD volume A
Soft ramp control enabled
Mute occurs after 256 repeated 8-bit DSD mute
patterns
Mute happens only when mute pattern is detected in
both channels
Function is disabled
Function is disabled
Example 5-8. Startup to DSD Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com