Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49530X Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 10Page - Cirrus Logic CS49530X Datasheet HTML 11Page - Cirrus Logic CS49530X Datasheet HTML 12Page - Cirrus Logic CS49530X Datasheet HTML 13Page - Cirrus Logic CS49530X Datasheet HTML 14Page - Cirrus Logic CS49530X Datasheet HTML 15Page - Cirrus Logic CS49530X Datasheet HTML 16Page - Cirrus Logic CS49530X Datasheet HTML 17Page - Cirrus Logic CS49530X Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
14
5.10 Switching Characteristics — Serial Control Port - SPI Slave Mode
Parameter
Symbol
Min
Typical
Max
Units
SCP_CLK frequency1,2
1. The specification fspisck indicates the maximum speed of the hardware. The system designer should be aware that
the actual maximum speed of the communication port may be limited by the firmware application. Flow control using
the SCP_BSY pin should be implemented to prevent overflow of the input data buffer. At boot the maximum speed
is Fxtal/3.
2. When SCP1 is in SPI slave mode, very slow rise and fall times of the SCP_CLK edges may make the edges of the
SCP_CLK more susceptible to noise, resulting in non-smooth edges. Any glitch at the threshold levels of the SCP
port input signals could result in abnormal operation of the port.
In systems that have noise coupling onto SCP_CLK, slow rise and fall times may cause host communication
problems. Increasing rise time makes host communication more reliable.
fspisck
——
25
MHz
SCP_CS falling to SCP_CLK rising2
tspicss
24
—
—
ns
SCP_CLK low time2
tspickl
20
—
—
ns
SCP_CLK high time2
tspickh
20
—
—
ns
Setup time SCP_MOSI input
tspidsu
5—
—
ns
Hold time SCP_MOSI input
tspidh
5—
—
ns
SCP_CLK low to SCP_MISO output valid2
tspidov
——
11
ns
SCP_CLK falling to SCP_IRQ rising2
tspiirqh
—
—
20
ns
SCP_CS rising to SCP_IRQ falling2
tspiirql
0—
—
ns
SCP_CLK low to SCP_CS rising2
tspicsh
24
—
—
ns
SCP_CS rising to SCP_MISO output high-Z
tspicsdz
—20
—
ns
SCP_CLK rising to SCP_BSY falling2
tspicbsyl
—3*DCLKP+20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com