Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49530X Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 24Page - Cirrus Logic CS49530X Datasheet HTML 25Page - Cirrus Logic CS49530X Datasheet HTML 26Page - Cirrus Logic CS49530X Datasheet HTML 27Page - Cirrus Logic CS49530X Datasheet HTML 28Page - Cirrus Logic CS49530X Datasheet HTML 29Page - Cirrus Logic CS49530X Datasheet HTML 30Page - Cirrus Logic CS49530X Datasheet HTML 31Page - Cirrus Logic CS49530X Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
28
6 Ordering Information
The CS4953xx family part number is described as follows:
CS495NNI-XYZ
where
NN - Product Number Variant
I - ROM ID Number
X - Product Grade
Y - Package Type
Z - Lead (Pb) Free
.
Table 5. Ordering Information
Part No.
Status
Grade
Temp. Range
Package
Status
CS495303-CVZ
NRND
Commercial
0 to +70 °C
128-pin LQFP
—
CS495303-CVZR1
1. R = Tape and Reel
NRND
—
CS495303-CQZ
EOL
144-pin LQFP
—
CS495304-CVZ
EOL
128-pin LQFP
—
CS495304-CVZR1
EOL
—
CS495304-DVZ
EOL
Automotive
-40 to +85 °C
128-pin LQFP
—
CS495304-DVZR1
EOL
—
CS495313-CQZ
EOL
Commercial
0 to +70 °C
144-pin LQFP
—
CS495313-CQZR1
EOL
—
CS495313-CVZ
NRND
Commercial
0 to +70 °C
128-pin LQFP
—
CS495313-CVZR1
NRND
—
CS495314-CVZ2
2. Recommended for new designs. See Section 2 for details about Cirrus Logic design recommendations.
Active
Commercial
0 to +70 °C
128-pin LQFP
—
CS495314-CVZR1,2
Active
—
CS495314-CQZ
EOL
144-pin LQFP
—
CS495314-DVZ
Active
128-pin LQFP
—
CS495314-DVZR1
Note 3
3.
Contact the factory for availability of the -D (automotive grade) package
Automotive
-40 to +85 °C
128-pin LQFP
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com