Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49530X Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS49530X
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49530X Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS49530X Datasheet HTML 19Page - Cirrus Logic CS49530X Datasheet HTML 20Page - Cirrus Logic CS49530X Datasheet HTML 21Page - Cirrus Logic CS49530X Datasheet HTML 22Page - Cirrus Logic CS49530X Datasheet HTML 23Page - Cirrus Logic CS49530X Datasheet HTML 24Page - Cirrus Logic CS49530X Datasheet HTML 25Page - Cirrus Logic CS49530X Datasheet HTML 26Page - Cirrus Logic CS49530X Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705F2
23
5.16 Switching Characteristics — Digital Audio Slave Input Port
Note: In these diagrams, falling edge is the inactive edge of DAI_SCLK.
Figure 11. Digital Audio Input (DAI) Port Timing Diagram
Figure 12. DAI Slave Timing Diagram
Parameter
Symbol
Min
Max
Unit
DAI_SCLK period
Tdaiclkp
40
—
ns
DAI_SCLK duty cycle
—45
55
%
DAI_LRCLK transition from DAI_SCLK active edge
tdaisstlr
10
—
ns
DAI_SCLK active edge from DAI_LRCLK transition
tdaislrts
10
—
ns
Setup time DAI_DATAn
tdaidsu
10
—
ns
Hold time DAI_DATAn
tdaidh
5—
ns
DAI_SCLK
DAI_DATA n
tdaidh
tdaidsu
DAI_SCLK
DAI_LRCLK
DAIn_DATAn
tdaislrts
Tdaiclkp
DAI_SCLK
DAI_LRCLK
tdaisstlr
Tdaiclkp
DAIn_DATAn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com